Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS3010-333ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS3010-333ML
Description  Shielded Power Inductors ??LPS3010
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS3010-333ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS3010-333ML Datasheet HTML 1Page - Coilcraft lnc. LPS3010-333ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – LPS3010
Document 428-1
Document 428-1 Revised 11/22/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS3010-471ML_
0.47
0.070
370
1.8
1.9
2.0
1.3
1.80
LPS3010-681ML_
0.68
0.080
270
1.6
1.7
1.7
1.3
1.75
LPS3010-102ML_
1.0
0.085
230
1.5
1.6
1.6
1.1
1.50
LPS3010-152ML_
1.5
0.120
165
1.3
1.4
1.4
1.05 1.40
LPS3010-182ML_
1.8
0.150
150
1.2
1.2
1.3
1.00 1.40
LPS3010-222ML_
2.2
0.220
130
1.3
1.4
1.4
0.90 1.10
LPS3010-332ML_
3.3
0.220
110
0.83
0.88
0.90
0.85 1.10
LPS3010-472ML_
4.7
0.300
92
0.72
0.75
0.77
0.70 0.95
LPS3010-562ML_
5.6
0.400
80
0.67
0.69
0.71
0.60 0.78
LPS3010-682ML_
6.8
0.450
70
0.61
0.63
0.64
0.56 0.74
LPS3010-822ML_
8.2
0.520
62
0.56
0.59
0.59
0.53 0.70
LPS3010-103ML_
10
0.540
58
0.50
0.53
0.55
0.48 0.64
LPS3010-123ML_
12
0.700
47
0.46
0.49
0.50
0.44 0.58
LPS3010-153ML_
15
0.950
43
0.41
0.43
0.44
0.37 0.48
LPS3010-183ML_
18
1.10
40
0.38
0.40
0.41
0.33 0.47
LPS3010-223ML_
22
1.20
36
0.32
0.35
0.36
0.30 0.41
LPS3010-333ML_
33
2.00
27
0.25
0.27
0.28
0.26 0.35
LPS3010-473ML_
47
3.20
21
0.23
0.24
0.25
0.22 0.31
LPS3010-683ML_
68
3.50
21
0.20
0.21
0.22
0.20 0.28
LPS3010-104ML_
100
5.25
14
0.14
0.16
0.17
0.18 0.24
LPS3010-124ML_
120
6.10
12
0.13
0.15
0.15
0.14 0.19
LPS3010-154ML_
150
9.15
11
0.13
0.14
0.14
0.13 0.17
LPS3010-184ML_
180
10.1
9
0.11
0.12
0.13
0.11 0.15
LPS3010-224ML_
220
12.5
8
0.10
0.11
0.12
0.095 0.13
LPS3010-334ML_
330
18.5
7
0.10
0.105 0.115 0.085 0.11
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 25 – 32 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel; Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.4 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
• Ultra small 3.0 × 3.0 mm footprint; less than 1.0 mm tall
• Very low DCR; excellent current handling
• Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH parts (3 each)
from LPS3008, LPS3010 and LPS3015.
Kit C401 contains samples of 0.56 µH
to 33 µH parts (3 each) from LPS4012 and LPS4018.
Kit C402 contains samples
of 220 µH to 3300 µH parts (3 each) from all five series. For details of kit contents
and to order, contact Coilcraft or visit
http://order.coilcraft.com.
1. Please specify
termination and packaging codes:
LPS3010-223MLC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-
lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same
for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or
equivalent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS3010-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3010-333ML COILCRAFT-LPS3010-333ML Datasheet
207Kb / 2P
   Shielded Power Inductors
LPS3010-333ML COILCRAFT-LPS3010-333ML Datasheet
162Kb / 2P
   Shielded Power Inductors ??LPS3010
LPS3010-333MLB COILCRAFT-LPS3010-333MLB Datasheet
130Kb / 2P
   Shielded Power Inductors - LPS3010
LPS3010-333MLC COILCRAFT-LPS3010-333MLC Datasheet
130Kb / 2P
   Shielded Power Inductors - LPS3010
LPS3010-333MLD COILCRAFT-LPS3010-333MLD Datasheet
130Kb / 2P
   Shielded Power Inductors - LPS3010
More results

Similar Description - LPS3010-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3010-222MLB COILCRAFT-LPS3010-222MLB Datasheet
130Kb / 2P
   Shielded Power Inductors - LPS3010
LPS3010-682MLB COILCRAFT-LPS3010-682MLB Datasheet
162Kb / 2P
   Shielded Power Inductors ??LPS3010
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com