Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4012-562ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4012-562ML
Description  Shielded Power Inductors ??LPS4012
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4012-562ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4012-562ML Datasheet HTML 1Page - Coilcraft lnc. LPS4012-562ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded SMT Power Inductors–LPS4012 Series
Document 433-2
Document 433-2 Revised 04/24/12
Typical L vs Current
Typical L vs Frequency
0.1
1
10
10000
1000
100
0.01
0.1
110
Current (A)
1 µH
2.2 µH
10 µH
22 µH
220 µH
100 µH
1000 µH
2200 µH
5.6 µH
0.01
0.1
110
0.01
0.1
110
Frequency (MHz)
1 µH
10 µH
2.2 µH
22 µH
5.6 µH
0.1
1
10
10000
1000
100
220 µH
100 µH
1000 µH
2200 µH
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH
parts (3 each) from LPS3008, LPS3010 and LPS3015.
Kit C401 con-
tains samples of 0.56 µH to 33 µH parts (3 each) from LPS4012 and
LPS4018.
Kit C402 contains samples of 220 µH to 3300 µH parts
(3 each) from all five series. For details of kit contents and to order,
contact Coilcraft or visit
http://order.coilcraft.com.
Dimensions are in
inches
mm


Similar Part No. - LPS4012-562ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4012-562ML COILCRAFT-LPS4012-562ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS4012-562ML COILCRAFT-LPS4012-562ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-562ML COILCRAFT-LPS4012-562ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
More results

Similar Description - LPS4012-562ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4012-225MLC COILCRAFT-LPS4012-225MLC Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-472MLB COILCRAFT-LPS4012-472MLB Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com