Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1640CT Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MUR1640CT
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1640CT Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MUR1640CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1640CT Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
http://kersemi.com
3
MUR1610CT, MUR1615CT, MUR1620CT
Figure 1. Typical Forward Voltage, Per Leg
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.6
0.4
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
0.7
3.0
0.5
5.0
50
0.9
VR, REVERSE VOLTAGE (VOLTS)
060
40
100 120
400
800
0.08
0.04
0.02
8.0
4.0
2.0
200
40
20
80
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current, Per Leg*
TA, AMBIENT TEMPERATURE (°C)
020
2.0
4.0
0
6.0
8.0
10
12
14
40
60
80
100 120 140 160 180 200
TC, CASE TEMPERATURE (°C)
140
155
150
0
2.0
1.0
3.0
5.0
4.0
10
7.0
6.0
145
180
Figure 3. Current Derating, Case, Per Leg
Figure 4. Current Derating, Ambient, Per Leg
0
2.0
1.0
2.0
3.0
4.0
10
0
4.0
6.0
8.0
10
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation, Per Leg
0.5
0.7
10
70
1.0
1.1
1.2
100°C
TJ = 175°C
25°C
160 180
140
0.8
0.4
0.2
100°C
25°C
160
175
170
165
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
1.0
3.0
5.0
7.0
9.0
5.0
6.0
7.0
8.0
9.0
RATED VR APPLIED
SQUARE WAVE
dc
SQUARE WAVE
dc
0.2
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEATSINK)


Similar Part No. - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MUR1640CT FOSHAN-MUR1640CT Datasheet
818Kb / 6P
   Ultrafast Recovery Diode in a TO-220 Plastic Package
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
153Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Kersemi Electronic Co.,...
MUR1640CT KERSEMI-MUR1640CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
RFE international
MUR1640CT RFE-MUR1640CT Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED
09-08-2020
logo
Sangdest Microelectroni...
MUR1640CT SMC-MUR1640CT Datasheet
214Kb / 6P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com