Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME3220-223KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ME3220-223KL
Description  SMT Power Inductor ??ME3220
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ME3220-223KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  ME3220-223KL Datasheet HTML 1Page - Coilcraft lnc. ME3220-223KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductor–ME3220
Document 380-1
1. Please specify
termination and packaging codes:
ME3220-104KLC
Termination: L = RoHS tin-silver over tin over nickel
over silver.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481
embossed plastic tape (2000 parts
per full reel).
B = Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D = 13
″ machine-ready reel. EIA-481
embossed plastic tape (7000 parts
per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using
Coilcraft SMD-A fixture in Agilent/HP 4284A impedance
analyzer.
3. DCR measured on a micro-ohmmeter and Coilcraft
CCF858 test fixture.
4. SRF measured using Agilent/HP 8753D network
analyzer and Coilcraft SMD-D test fixture.
5. DC current at which the inductance drops the specified
amount from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1
(µH)
(Ohms) (MHz) drop drop drop
rise rise
ME3220-102ML_
1.0±20% 0.058 170.7 2.7
3.0
3.2
2.0
2.6
ME3220-152ML_
1.5±20% 0.068 138.0 2.2
2.5
2.7
1.6
2.2
ME3220-222ML_
2.2±20% 0.104
92.6 1.8
2.1
2.2
1.5
2.0
ME3220-332ML_
3.3±20% 0.138
75.6 1.5
1.6
1.7
1.4
1.6
ME3220-472ML_
4.7±20% 0.190
58.2 1.2
1.4
1.5
1.0
1.3
ME3220-562ML_
5.6±20% 0.200
52.5 1.1
1.3
1.4
1.0
1.3
ME3220-682ML_
6.8±20% 0.270
46.2 1.0
1.1
1.2
0.88 1.1
ME3220-822ML_
8.2±20% 0.290
45.2 0.98 1.0
1.1
0.80 1.0
ME3220-103KL_
10±10%
0.434
39.9 0.78 1.0
1.1
0.63 0.87
ME3220-123KL_
12±10%
0.470
37.5 0.76 0.88 0.98 0.61 0.84
ME3220-153KL_
15±10%
0.520
32.5 0.70 0.80 0.90 0.58 0.83
ME3220-183KL_
18±10%
0.696
31.7 0.66 0.75 0.80 0.49 0.70
ME3220-223KL_
22±10%
0.787
29.4 0.59 0.67 0.71 0.47 0.64
ME3220-273KL_
27±10%
1.19
26.1 0.56 0.63 0.67 0.40 0.54
ME3220-333KL_
33±10%
1.27
23.0 0.50 0.57 0.60 0.39 0.53
ME3220-393KL_
39±10%
1.38
22.6 0.45 0.51 0.54 0.34 0.47
ME3220-473KL_
47±10%
1.80
20.7 0.40 0.46 0.49 0.30 0.45
ME3220-563KL_
56±10%
2.10
20.3 0.37 0.42 0.45 0.27 0.43
ME3220-683KL_
68±10%
2.30
16.3 0.34 0.38 0.41 0.26 0.38
ME3220-823KL_
82±10%
3.00
13.7 0.30 0.34 0.36 0.25 0.34
ME3220-104KL_ 100±10%
3.50
13.3 0.28 0.32 0.34 0.24 0.32
Designer’s Kit C386 contains samples of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS tin-silver over tin over nickel over silver. Other
terminations available at additional cost.
Weight 56 – 65 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7000/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 4 mm pocket spacing, 2.25 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Miniaturepowerinductor:2.5×3.2base×2.0mmtall
• SpecifiedbyNSCfortheirLM2830BuckConverter
Document 380-1 Revised 02/17/12


Similar Part No. - ME3220-223KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ME3220-223KL COILCRAFT-ME3220-223KL Datasheet
201Kb / 2P
   SMT Power Inductor
ME3220-223KL COILCRAFT-ME3220-223KL Datasheet
159Kb / 2P
   SMT Power Inductor ??ME3220
ME3220-223KLB COILCRAFT-ME3220-223KLB Datasheet
126Kb / 2P
   SMT Power Inductor - ME3220
ME3220-223KLC COILCRAFT-ME3220-223KLC Datasheet
126Kb / 2P
   SMT Power Inductor - ME3220
ME3220-223KLD COILCRAFT-ME3220-223KLD Datasheet
126Kb / 2P
   SMT Power Inductor - ME3220
More results

Similar Description - ME3220-223KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ME3220-104KLC COILCRAFT-ME3220-104KLC Datasheet
159Kb / 2P
   SMT Power Inductor ??ME3220
ME3220-223KLB COILCRAFT-ME3220-223KLB Datasheet
126Kb / 2P
   SMT Power Inductor - ME3220
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com