Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS9400A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDS9400A
Description  Single P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9400A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDS9400A Datasheet HTML 1Page - Fairchild Semiconductor NDS9400A Datasheet HTML 2Page - Fairchild Semiconductor NDS9400A Datasheet HTML 3Page - Fairchild Semiconductor NDS9400A Datasheet HTML 4Page - Fairchild Semiconductor NDS9400A Datasheet HTML 5Page - Fairchild Semiconductor NDS9400A Datasheet HTML 6Page - Fairchild Semiconductor NDS9400A Datasheet HTML 7Page - Fairchild Semiconductor NDS9400A Datasheet HTML 8Page - Fairchild Semiconductor NDS9400A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 1996
NDS9400A
Single P-Channel Enhancement Mode Field Effect Transistor
General Description
Features
________________________________________________________________________________
Absolute Maximum Ratings
T
A= 25°C unless otherwise noted
Symbol
Parameter
NDS9400A
Units
V
DSS
Drain-Source Voltage
-30
V
V
GSS
Gate-Source Voltage
± 20
V
I
D
Drain Current - Continuous
(Note 1a)
± 3.4
A
- Pulsed
± 10
P
D
Maximum Power Dissipation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
NDS9400A.SAM
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high cell
density, DMOS technology. This very high density process is
especially tailored to minimize on-state resistance, provide
superior switching performance, and withstand high energy
pulses in the avalanche and commutation modes. These
devices are particularly suited for low voltage applications such
as notebook computer power management and other battery
powered circuits where fast switching, low in-line power loss,
and resistance to transients are needed.
1
5
6
7
8
4
3
2
-3.4A, -30V. R
DS(ON) = 0.13@ VGS = -10V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely used
surface mount package.
Rugged and reliable.
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDS9400A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9407 FAIRCHILD-NDS9407 Datasheet
325Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9407 FAIRCHILD-NDS9407 Datasheet
142Kb / 5P
   60V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
NDS9407-NL VBSEMI-NDS9407-NL Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9407 FAIRCHILD-NDS9407_02 Datasheet
142Kb / 5P
   60V P-Channel PowerTrench MOSFET
More results

Similar Description - NDS9400A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
FDS9435A FAIRCHILD-FDS9435A Datasheet
66Kb / 5P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8434A FAIRCHILD-NDS8434A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9435A FAIRCHILD-NDS9435A Datasheet
219Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
NDS8433 FAIRCHILD-NDS8433 Datasheet
332Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8435 FAIRCHILD-NDS8435 Datasheet
330Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS Datasheet
176Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com