Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9020TRPBFA Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9020TRPBFA
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9020TRPBFA Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR9020TRPBFA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR9020TRPBFA Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.kersemi.com
3
IRFR9020, IRFU9020, SiHFR9020, SiHFU9020
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 14).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Transfer Characteristics
Fig. 3 - Typical Saturation Characteristics
Fig. 4 - Maximum Safe Operating Area
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
- 9.9
A
Pulsed Diode Forward Currenta
ISM
--
- 40
Body Diode Voltage
VSD
TJ = 25 °C, IS = - 9.9 A, VGS = 0 Vb
--
- 6.3
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = - 9,7 A, dI/dt = 100 A/µsb
56
110
280
ns
Body Diode Reverse Recovery Charge
Qrr
0.17
0.34
0.85
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
D
G


Similar Part No. - IRFR9020TRPBFA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9020TRPBFA VISHAY-IRFR9020TRPBFA Datasheet
1Mb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR9020TRPBFA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com