Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR4105ZPBF Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR4105ZPBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR4105ZPBF Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR4105ZPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFR4105ZPbF
IRFU4105ZPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 24.5mΩ
ID = 30A
12/06/04
www.kersemi.com
1
AUTOMOTIVE MOSFET
PD - 95374A
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to
achieve extremely low on-resistance per silicon area. Additional
features of this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive avalanche
rating . These features combine to make this design an extremely
efficient and reliable device for use in Automotive applications and
a wide variety of other applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Features
D-Pak
IRFR4105Z
I-Pak
IRFU4105Z
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.12
RθJA
Junction-to-Ambient (PCB mount)
i
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
46
29
See Fig.12a, 12b, 15, 16
48
0.32
± 20
Max.
30
21
120
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)


Similar Part No. - IRFR4105ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
267Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105ZPBF KERSEMI-IRFR4105ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
335Kb / 11P
   Advanced Process Technology
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
335Kb / 11P
   Advanced Process Technology
IRFR4105ZPBF IRF-IRFR4105ZPBF_15 Datasheet
335Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFR4105ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com