Electronic Components Datasheet Search |
|
MSS1038-273ML Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
MSS1038-273ML Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2013 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Shielded Power Inductors–MSS1038 Document 378-1 Document 378-1 Revised 08/01/11 Designer’s Kit C391 contains 3 each of all values. Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant matte tin over nickel over copper. Other terminations available at additional cost. Weight: 1.5 g Ambient temperature –40°C to +85°C with Irms current, +85°C to +125°C with derated current Storage temperature Component: –40°C to +125°C. Tape and reel packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 250/7 ″ reel; 1000/13″ reel; Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing, 4.3 mm pocket depth PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf. • 10.0 × 10.2 mm footprint; 3.8 mm high shielded inductors • Very low DCR and excellent current handling DCR SRF Isat (A)4 Irms (A)5 Inductance2 max typ3 10% 20% 30% 20°C 40°C Part number1 (µH) (m) (MHz) drop drop drop rise rise MSS1038-102NL_ 1.0 ±30% 6.0 138 9.00 11.16 12.10 7.30 10.00 MSS1038-152NL_ 1.5 ±30% 8.1 81 7.40 9.48 11.06 5.60 7.85 MSS1038-252NL_ 2.5 ±30% 10 61 5.70 7.62 9.26 4.65 6.65 MSS1038-382NL_ 3.8 ±30% 13 45 4.94 6.50 7.64 4.25 6.05 MSS1038-522NL_ 5.2 ±30% 22 37 3.96 5.28 6.14 3.60 5.10 MSS1038-702NL_ 7.0 ±30% 27 33 3.62 4.74 5.60 3.10 4.35 MSS1038-103NL_ 10 ±30% 35 29 3.04 3.90 4.52 2.90 4.05 MSS1038-123ML_ 12 ±20% 41 25 2.72 3.48 4.04 2.85 4.00 MSS1038-153ML_ 15 ±20% 50 21 2.84 3.44 3.86 2.70 3.80 MSS1038-183ML_ 18 ±20% 65 18 2.44 3.10 3.52 2.25 3.35 MSS1038-223ML_ 22 ±20% 73 15 2.34 2.94 3.30 1.90 2.85 MSS1038-273ML_ 27 ±20% 89 15 1.98 2.48 2.84 1.65 2.35 MSS1038-333ML_ 33 ±20% 93 13 1.84 2.34 2.62 1.60 2.30 MSS1038-393ML_ 39 ±20% 112 12 1.60 2.04 2.34 1.55 2.25 MSS1038-473ML_ 47 ±20% 128 11 1.60 1.98 2.22 1.45 2.20 MSS1038-563ML_ 56 ±20% 180 11 1.48 1.84 2.04 1.40 1.85 MSS1038-683ML_ 68 ±20% 213 10 1.32 1.62 1.82 1.15 1.75 MSS1038-823ML_ 82 ±20% 261 8 1.12 1.42 1.60 1.09 1.50 MSS1038-104ML_ 100 ±20% 304 6 1.02 1.30 1.46 1.05 1.45 MSS1038-124KL_ 120 ±10% 380 6 0.95 1.18 1.34 0.85 1.25 MSS1038-154KL_ 150 ±10% 506 6 0.89 1.10 1.22 0.80 1.20 MSS1038-184KL_ 180 ±10% 582 5 0.89 1.02 1.16 0.71 0.98 MSS1038-224KL_ 220 ±10% 756 5 0.72 0.88 0.99 0.70 0.97 MSS1038-274KL_ 270 ±10% 926 4 0.66 0.81 0.91 0.65 0.86 MSS1038-334KL_ 330 ±10% 1090 4 0.59 0.73 0.82 0.50 0.69 MSS1038-394KL_ 390 ±10% 1141 4 0.51 0.65 0.74 0.49 0.65 MSS1038-474KL_ 470 ±10% 1243 3 0.50 0.62 0.70 0.45 0.63 MSS1038-564KL_ 560 ±10% 1696 3 0.43 0.53 0.56 0.43 0.59 MSS1038-684KL_ 680 ±10% 1926 3 0.38 0.48 0.52 0.36 0.50 MSS1038-824KL_ 820 ±10% 2596 3 0.37 0.46 0.49 0.34 0.47 MSS1038-105KL_ 1000 ±10% 2853 3 0.35 0.43 0.46 0.33 0.45 1. Please specify termination and packaging codes: MSS1038-105KLC Termination: L = RoHS compliant matte tin over nickel over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 ″ machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 ″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (1000 parts per full reel). 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR meter or equivalent. 3. SRF measured using an Agilent/HP 8753D or equivalent. 4. DC current at which the inductance drops the speci- fied amount from its value without current. 5. Current that causes the specified temperature rise from 25°C ambient. 6. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. |
Similar Part No. - MSS1038-273ML |
|
Similar Description - MSS1038-273ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |