Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS6235-185ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS6235-185ML
Description  Shielded Power Inductors ??LPS6235
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS6235-185ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS6235-185ML Datasheet HTML 1Page - Coilcraft lnc. LPS6235-185ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors– LPS6235
Document 587-1
Document 587-1 Revised 12/01/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS6235-682ML_
6.8
0.075
55
2.6
2.7
2.8
1.30 1.90
LPS6235-822ML_
8.2
0.095
48
2.5
2.6
2.7
1.30 1.85
LPS6235-103ML_
10.0
0.100
37
2.3
2.4
2.5
1.28 1.80
LPS6235-123ML_
12.0
0.110
29
1.9
2.2
2.3
1.25 1.75
LPS6235-153ML_
15.0
0.125
25
1.9
2.0
2.0
1.22 1.70
LPS6235-183ML_
18.0
0.140
24
1.7
1.8
1.9
1.20 1.65
LPS6235-223ML_
22.0
0.145
24
1.6
1.7
1.7
1.10 1.60
LPS6235-333ML_
33.0
0.180
16
1.3
1.4
1.5
1.00 1.30
LPS6235-473ML_
47.0
0.245
13
1.1
1.2
1.2
0.80 1.15
LPS6235-563ML_
56.0
0.280
12
1.0
1.0
1.1
0.75 1.07
LPS6235-683ML_
68.0
0.345
10.8 0.90
0.94
0.96
0.73 1.00
LPS6235-823ML_
82.0
0.315
10.0 0.46
0.52
0.55
0.72 0.95
LPS6235-104ML_
100.0
0.375
9.0 0.46
0.52
0.54
0.70 0.90
LPS6235-124ML_
120.0
0.435
8.3 0.44
0.48
0.51
0.60 0.80
LPS6235-154ML_
150.0
0.535
7.3 0.37
0.43
0.45
0.53 0.73
LPS6235-224ML_
220.0
0.820
5.6 0.31
0.36
0.37
0.45 0.64
LPS6235-334ML_
330.0
1.20
4.4 0.26
0.29
0.30
0.40 0.50
LPS6235-474ML_
470.0
1.60
3.6 0.22
0.25
0.26
0.32 0.43
LPS6235-564ML_
560.0
2.00
3.1 0.20
0.22
0.23
0.29 0.38
LPS6235-684ML_
680.0
2.20
2.8 0.17
0.19
0.21
0.28 0.37
LPS6235-824ML_
820.0
2.70
2.5 0.16
0.18
0.19
0.26 0.33
LPS6235-105ML_
1000.0
3.40
2.2 0.14
0.17
0.18
0.24 0.30
LPS6235-155ML_
1500.0
4.60
1.9 0.12
0.13
0.14
0.19 0.26
LPS6235-185ML_
1800.0
5.42
1.7 0.11
0.12
0.13
0.18 0.23
LPS6235-225ML_
2200.0
6.70
1.5 0.090 0.11
0.11
0.16 0.22
LPS6235-335ML_
3300.0
9.50
1.1 0.080 0.090 0.10
0.14 0.180
LPS6235-475ML_
4700.0
14.5
0.94 0.070 0.077 0.084 0.11 0.150
LPS6235-565ML_
5600.0
16.4
0.86 0.060 0.070 0.080 0.10 0.130
LPS6235-685ML_
6800.0
21.4
0.80 0.057 0.065 0.069 0.090 0.120
LPS6235-825ML_
8200.0
24.5
0.70 0.052 0.060 0.067 0.085 0.115
LPS6235-106ML_ 10000.0
29.5
0.61 0.050 0.055 0.060 0.075 0.095
• Low DCR; high current; shielded construction
• Perfect for backlight applications
Designer’s Kit C345 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 460 – 480 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 350/7
″reel; 1500/13″ reel Plastic tape: 16 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.68 mm pocket depth
Recommended pick and place nozzle OD: 6.2 mm; ID:
≤ 3.1 mm
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
LPS6235-106MLC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481
embossed plastic tape (350 parts
per full reel).
B = Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D = 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (1500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an
Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS6235-185ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
210Kb / 2P
   Shielded Power Inductors
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
364Kb / 2P
   Shielded Power Inductors
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
320Kb / 2P
   Shielded Power Inductors ??LPS6235
LPS6235-185MLB COILCRAFT-LPS6235-185MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
LPS6235-185MLC COILCRAFT-LPS6235-185MLC Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
More results

Similar Description - LPS6235-185ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-105MLB COILCRAFT-LPS6235-105MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
89529 COILCRAFT-89529 Datasheet
320Kb / 2P
   Shielded Power Inductors ??LPS6235
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com