Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS1278-472MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSS1278-472MLD
Description  SMT Power Inductors ??MSS1278
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1278-472MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSS1278-472MLD Datasheet HTML 1Page - Coilcraft lnc. MSS1278-472MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 322-2
Document 322-2 Revised 04/04/13
SMT Power Inductors – MSS1278
Typical L vs Current
Typical L vs Frequency
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
4.7 µH
100 µH
10 µH
1000 µH
1
10
100
1000
10000
0.1
1
100
10
Current (A)
1000 µH
100 µH
10 µH
4.7 µH
0.217
5,5
Recommended
Land Pattern
0.157
4,0
0.197 ±0.008
5,0 ±0,2
0.197 ±0.008
5,0 ±0,2
0.334
8,5
0.138 ±0.008
3,5 ±0,2
0.472 ±0.012
12,0 ±0,3
0.472 ±0.012
12,0 ±0,3
0.307 ±0.010
7,8 ±0,25
0.025
0,635
123
X
Parts manufactured prior
to Sept. 2007 were marked
with only the dash number.
Internal code
Dash number
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Typical Current Derating
Dimensions are in
inches
mm


Similar Part No. - MSS1278-472MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278-472MLD COILCRAFT-MSS1278-472MLD Datasheet
233Kb / 2P
   SMT Power Inductors -??MSS1278
More results

Similar Description - MSS1278-472MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278-184KLB COILCRAFT-MSS1278-184KLB Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
MSS1278-822MLB COILCRAFT-MSS1278-822MLB Datasheet
233Kb / 2P
   SMT Power Inductors -??MSS1278
MSS1278-223MLB COILCRAFT-MSS1278-223MLB Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com