Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR5410 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # AUIRFR5410
Description  AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AUIRFR5410 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  AUIRFR5410 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. AUIRFR5410 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AUIRFR5410
2
www.kersemi.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 6.4mH, RG = 25,
IAS = -7.8A. (See Figure 12)
ƒ ISD  -7.8A, di/dt  200A/µs, VDD  V(BR)DSS,
TJ  150°C.
„ Pulse width 300µs; duty cycle 2%.
… This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact.
† Uses IRF9530N data and test conditions.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to
application note #AN-994.
ˆ Ris measured at Tj approximately 90°C.
S
D
G
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
-0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.205
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
gfs
Forward Transconductance
3.2
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-25
μA
–––
–––
-250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
–––
58
Qgs
Gate-to-Source Charge
–––
–––
8.3
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
32
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
58
–––
td(off)
Turn-Off Delay Time
–––
45
–––
ns
tf
Fall Time
–––
46
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
760
–––
Coss
Output Capacitance
–––
260
–––
pF
Crss
Reverse Transfer Capacitance
–––
170
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
-13
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-52
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.6
V
trr
Reverse Recovery Time
–––
130
190
ns
Qrr
Reverse Recovery Charge
–––
650
970
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = -10V
fh
VDD = =-50V
ID = -8.4A
RG = 9.1
TJ = 25°C, IS = -7.8A, VGS = 0V f
TJ = 25°C, IF = -8.4A
di/dt = 100A/μs
fh
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -7.8A
f
VDS = VGS, ID = -250μA
VDS = -100V, VGS = 0V
VDS = -80V, VGS = 0V, TJ = 150°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VDS = -25V, ID = -7.8A
ID = -8.4A
VDS = -80V
Conditions
RD = 6.2 fh
VGS = 0V
VDS = -25V
ƒ = 1.0MHz
h
VGS = 20V
VGS = -20V


Similar Part No. - AUIRFR5410

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRFR5410 KERSEMI-AUIRFR5410 Datasheet
4Mb / 10P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRFR5410 IRF-AUIRFR5410 Datasheet
226Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR5410 INFINEON-AUIRFR5410 Datasheet
324Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
logo
Shanghai Leiditech Elec...
AUIRFR5410 LEIDITECH-AUIRFR5410 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
logo
International Rectifier
AUIRFR5410TR IRF-AUIRFR5410TR Datasheet
226Kb / 12P
   Advanced Planar Technology
More results

Similar Description - AUIRFR5410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com