Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640PBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF640PBF
Description  Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF640PBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF640PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF640PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IRF640, SiHF640
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
200
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.29
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
-
-
25
µA
VDS = 160 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 11 Ab
--
0.18
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 11 Ab
6.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1300
-
pF
Output Capacitance
Coss
-
430
-
Reverse Transfer Capacitance
Crss
-
130
-
Total Gate Charge
Qg
VGS = 10 V
ID = 18 A, VDS =160 V,
see fig. 6 and 13b
--
70
nC
Gate-Source Charge
Qgs
--
13
Gate-Drain Charge
Qgd
--
39
Turn-On Delay Time
td(on)
VDD = 100 V, ID = 18 A,
RG = 9.1 Ω, RD = 5.4 Ω, see fig. 10b
-14
-
ns
Rise Time
tr
-51
-
Turn-Off Delay Time
td(off)
-45
-
Fall Time
tf
-36
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
18
A
Pulsed Diode Forward Currenta
ISM
--
72
Body Diode Voltage
VSD
TJ = 25 °C, IS = 18 A, VGS = 0 Vb
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 18 A, dI/dt = 100 A/µsb
-
300
610
ns
Body Diode Reverse Recovery Charge
Qrr
-3.4
7.1
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
www.kersemi.com


Similar Part No. - IRF640PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF640PBF VISHAY-IRF640PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
   18A,200V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRF640PBF VBSEMI-IRF640PBF Datasheet
1Mb / 6P
   N-Channel 200 V (D-S) MOSFET
logo
Vishay Siliconix
IRF640PBF VISHAY-IRF640PBF Datasheet
168Kb / 8P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF640PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com