Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU9024NPBF Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFU9024NPBF
Description  ULTRA LOW ON-ORSISTANCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU9024NPBF Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU9024NPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU9024NPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFR/U9024NPbF
6
www.kersemi.com


Similar Part No. - IRFU9024NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9024NPBF IRF-IRFU9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRFU9024NPBF IRF-IRFU9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFU9024NPBF KERSEMI-IRFU9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-RESISTANCE
logo
International Rectifier
IRFU9024NPBF IRF-IRFU9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFU9024NPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR024NTRL KERSEMI-IRFR024NTRL Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU3910 KERSEMI-IRFU3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Vishay Siliconix
IRF7705PBF VISHAY-IRF7705PBF Datasheet
239Kb / 8P
   Ultra Low On-Resistance
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_14 Datasheet
581Kb / 8P
   ULTRA LOW ON RESISTANCE
logo
International Rectifier
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
IRF7401PBF IRF-IRF7401PBF_15 Datasheet
202Kb / 9P
   ULTRA LOW ON RESISTANCE
IRF7404PBF IRF-IRF7404PBF_15 Datasheet
237Kb / 9P
   ULTRA LOW ON RESISTANCE
IRF7509PBF IRF-IRF7509PBF_15 Datasheet
247Kb / 8P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com