Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1610FCT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR1610FCT
Description  16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1610FCT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR1610FCT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1610FCT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR1605FCT thru MUR1660FCT
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Averag
Figure 3
Forward Derating Curve
25
50
75
0
0
4
8
12
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
125
150
16
20
24
Figure 2
Typical Reverse Characteristics
Volts
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
0.1
Amps
0.6
0.4
0.2
2
0.8
0.6
4
20
2.0
1.4
1.0
0.8
6
8
40
1.2
1.0
10
1.6
1000
MUR1630FCT-1640FCT
MUR1605FCT-1620FCT
MUR1660FCT
uAmp
Cycle
1.8
60
0
10
100
0.1
1.0
100
Tc = 100
°C
Tc = 25
°C
Tc = 75
°C
Figure 4
Maximum Non-Repetive Forward Surage Current
Average Forward Rectified Current - Amperesversus
Case Temperature -
°C
15
30
45
60
75
90
1
105
120
135
2
5
10
20
50
100
40
80
20
120 140
2 of 3
www.kersemi.com


Similar Part No. - MUR1610FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1610FCT MCC-MUR1610FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1610FCT MCC-MUR1610FCT Datasheet
490Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - MUR1610FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1615FCT KERSEMI-MUR1615FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1605FCT MCC-MUR1605FCT_16 Datasheet
490Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1620FCT KERSEMI-MUR1620FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER8A MCC-ER8A Datasheet
78Kb / 2P
   8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com