Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS9410S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDS9410S
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9410S Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NDS9410S Datasheet HTML 2Page - Fairchild Semiconductor NDS9410S Datasheet HTML 3Page - Fairchild Semiconductor NDS9410S Datasheet HTML 4Page - Fairchild Semiconductor NDS9410S Datasheet HTML 5Page - Fairchild Semiconductor NDS9410S Datasheet HTML 6Page - Fairchild Semiconductor NDS9410S Datasheet HTML 7Page - Fairchild Semiconductor NDS9410S Datasheet HTML 8Page - Fairchild Semiconductor NDS9410S Datasheet HTML 9Page - Fairchild Semiconductor NDS9410S Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NDS9410S Rev.B
Figure 13. Transconductance Variation with Drain
Current and Temperature.
Figure 16. Maximum Safe Operating Area
.
Typical Electrical and ThermalCharacteristics (continued)
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= See note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0
0 .2
0 .4
0 .6
0.8
1
3
4
5
6
7
8
2oz COPPER MOUNTING PAD AREA (in
)
2
1b
1c
4.5"x5" FR-4 Board
T
= 25 C
Still Air
V
= 10V
A
o
GS
1a
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
2oz COPPER MOUNTING PAD AREA (in )
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
A
o
0.1
0.2
0.5
1
2
5
10
20 30
50
0.05
0.1
0.5
1
5
10
30
50
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
10s
V
= 10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
θJA
GS
A
1ms
100µs
Figure 15. Maximum Steady- State Drain
Current versus Copper Mounting Pad
Area.
Figure 14. SO-8 Maximum Steady-State Power
Dissipation versus Copper Mounting Pad
Area.
0
5
10
15
20
25
30
0
5
10
15
20
25
I , DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= 10V
DS
125°C
Figure 17. Transient Thermal Response Curve
.
Note: Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.


Similar Part No. - NDS9410S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS9410S-NL VBSEMI-NDS9410S-NL Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NDS9410S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8425 FAIRCHILD-NDS8425 Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com