Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER2010 Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # SER2010
Description  Shielded Power Inductor ??SER2000
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2010 Datasheet(HTML) 4 Page - Coilcraft lnc.

  SER2010 Datasheet HTML 1Page - Coilcraft lnc. SER2010 Datasheet HTML 2Page - Coilcraft lnc. SER2010 Datasheet HTML 3Page - Coilcraft lnc. SER2010 Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–SER2000 Series
Document 349-2 Revised 09/05/12
L vs Current
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
1.0 µH 0.90 µH 0.80 µH
0.60 µH
0.30 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
0.60 µH
0.30 µH
1.0 µH 0.90 µH 0.80 µH
SER2010
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
1.0 µH 0.90 µH
0.80 µH
0.60 µH
SER2011
Document 349-4
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.60 µH
1.0 µH 0.90 µH
0.80 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
4.7 µH
3.6 µH
2.0 µH
1.2 µH
0.68 µH
1.0 µH 0.90 µH
0.80 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
4.0 µH
2.0 µH
1.2 µH
1.0 µH
0.90 µH 0.80 µH
SER2012
SER2013
SER2014
SER2009


Similar Part No. - SER2010

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2010-102ML COILCRAFT-SER2010-102ML Datasheet
275Kb / 4P
   SMT Power Inductors
SER2010-122ML COILCRAFT-SER2010-122ML Datasheet
275Kb / 4P
   SMT Power Inductors
SER2010-202ML COILCRAFT-SER2010-202ML Datasheet
275Kb / 4P
   SMT Power Inductors
SER2010-301ML COILCRAFT-SER2010-301ML Datasheet
275Kb / 4P
   SMT Power Inductors
SER2010-301ML COILCRAFT-SER2010-301ML Datasheet
417Kb / 4P
   Flat wire windings provide exceptionally low DCR
More results

Similar Description - SER2010

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com