Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS9410 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NDS9410
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9410 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NDS9410 Datasheet HTML 1Page - Fairchild Semiconductor NDS9410 Datasheet HTML 2Page - Fairchild Semiconductor NDS9410 Datasheet HTML 3Page - Fairchild Semiconductor NDS9410 Datasheet HTML 4Page - Fairchild Semiconductor NDS9410 Datasheet HTML 5Page - Fairchild Semiconductor NDS9410 Datasheet HTML 6Page - Fairchild Semiconductor NDS9410 Datasheet HTML 7Page - Fairchild Semiconductor NDS9410 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NDS9410A Rev B(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
28
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
2
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
11.6
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
-4.3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 7.3 A
VGS = 10 V, ID = 7.3 A, TJ=125
°C
VGS = 4.5 V, ID = 6.3 A
VGS = 4.5 V, ID = 6.3 A, TJ=125
°C
19
30
25
42
28
45
42
75
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 15 V,
ID = 7.3 A
22
S
Dynamic Characteristics
Ciss
Input Capacitance
830
pF
Coss
Output Capacitance
185
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
80
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
6
12
ns
tr
Turn–On Rise Time
10
20
ns
td(off)
Turn–Off Delay Time
18
32
ns
tf
Turn–Off Fall Time
VDD = 25 V, ID = 1 A,
VGS = 10 V, RGEN = 6
510
ns
Qg
Total Gate Charge
14
22
nC
Qgs
Gate–Source Charge
2.7
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 2 A,
VGS = 10 V
3.0
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.2
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.2 A
(Note 2)
0.78
1.1
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1in
2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - NDS9410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9410 FAIRCHILD-NDS9410 Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDS9410-NL VBSEMI-NDS9410-NL Datasheet
1,003Kb / 8P
   N-Channel 60 V (D-S) MOSFET
NDS9410A-NL VBSEMI-NDS9410A-NL Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9410S FAIRCHILD-NDS9410S Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDS9410S-NL VBSEMI-NDS9410S-NL Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NDS9410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8425 FAIRCHILD-NDS8425 Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS9410S FAIRCHILD-NDS9410S Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com