Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR8100EG Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MUR8100EG
Description  ULTRAFAST RECTIFIERS 8.0 A, 800 V ??1000 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR8100EG Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MUR8100EG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR8100EG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR8100EG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR8100EG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR8100EG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR8100EG Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR8100E, MUR880E
http://kersemi.com
3
* The curves shown are typical for the highest voltage device in the voltage
* grouping. Typical reverse current for lower voltage selections can be
* estimated from these same curves if VR is sufficiently below rated VR.
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
1.8
0.4
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
50
5.0
10
3.0
VR, REVERSE VOLTAGE (VOLTS)
0
10
0.1
0.01
TC, CASE TEMPERATURE (°C)
150
140
10
3.0
2.0
1.0
0
20
60
0
TA, AMBIENT TEMPERATURE (°C)
8.0
6.0
4.0
2.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
14
10
8.0
2.0
0
4.0
40
0.7
0.5
1.2
0.8
1.0
1.4
1.6
200
400
600
800
1000
1.0
100
10,000
170
180
80
120
100
10
2.0
3.0
5.0
6.0
2.0
20
0.1
0.3
7.0
1.0
30
160
140
160
200
180
6.0
5.0
4.0
9.0
8.0
7.0
6.0
9.0
7.0
8.0
10
7.0
5.0
3.0
1.0
9.0
TJ = 175°C
SQUARE WAVE
dc
RATED VR APPLIED
SQUARE WAVE
dc
TJ = 25°C
100
°C
150
°C
TJ = 175°C
25
°C
100
°C
70
0.2
1000
4.0
12
RqJA = 16°C/W
RqJA = 60°C/W
(No Heat Sink)
SQUARE WAVE
dc
SQUARE WAVE
dc
0.6
175
°C


Similar Part No. - MUR8100EG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR8100EG ONSEMI-MUR8100EG Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MUR8100EG ONSEMI-MUR8100EG Datasheet
83Kb / 6P
   ULTRAFAST RECTIFIERS 8.0 A, 800 V - 1000 V
February, 2006 ??Rev. 3
MUR8100EG ONSEMI-MUR8100EG Datasheet
126Kb / 6P
   SWITCHMOD Power Rectifiers
June, 2008 ??Rev. 4
More results

Similar Description - MUR8100EG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR8100E ONSEMI-MUR8100E_06 Datasheet
83Kb / 6P
   ULTRAFAST RECTIFIERS 8.0 A, 800 V - 1000 V
February, 2006 ??Rev. 3
RURG80100-F085 ONSEMI-RURG80100-F085 Datasheet
544Kb / 7P
   Ultrafast Rectifier 80 A, 1000 V
March, 2020 - Rev. 3
logo
SeCoS Halbleitertechnol...
QG801C SECOS-QG801C Datasheet
271Kb / 2P
   50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
logo
First Components Intern...
UF08-00 FCI-UF08-00 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
MUR820 TSC-MUR820 Datasheet
54Kb / 2P
   8.0 AMPS. Ultrafast Plastic Rectifiers
logo
Yea Shin Technology Co....
UF800 YEASHIN-UF800 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF800F YEASHIN-UF800F Datasheet
39Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
   VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com