Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3205 Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRF3205
Description  Advanced Process Technology Ultra Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3205 Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF3205 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd. IRF3205 Datasheet HTML 12Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D2Pak Part Marking Information
F530S
THIS IS AN IRF530S WITH
LOT CODE 8024
ASS EMBLED ON WW 02, 2000
IN THE ASS EMBLY LINE "L"
AS SEMBLY
LOT CODE
PART NUMBER
DAT E CODE
YEAR 0 = 2000
WEEK 02
LINE L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
DATE CODE
IN THE ASS EMBLY LINE "L"
AS S EMBLED ON WW 02, 2000
THIS IS AN IRF530S WITH
LOT CODE 8024
LOT CODE
PART NUMBER
F530S
For GB Production
IRF3205Z/ZS/ZL
10 / 12
www.kersemi.com


Similar Part No. - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
logo
Nell Semiconductor Co.,...
IRF3205 NELLSEMI-IRF3205 Datasheet
622Kb / 7P
   N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
IRF3205 THINKISEMI-IRF3205 Datasheet
970Kb / 5P
   N-Channel Trench Process Power MOSFET Transistor
logo
Inchange Semiconductor ...
IRF3205 ISC-IRF3205 Datasheet
139Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com