Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBT1.51SL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # WBT1.51SL
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBT1.51SL Datasheet(HTML) 1 Page - Coilcraft lnc.

  WBT1.51SL Datasheet HTML 1Page - Coilcraft lnc. WBT1.51SL Datasheet HTML 2Page - Coilcraft lnc. WBT1.51SL Datasheet HTML 3Page - Coilcraft lnc. WBT1.51SL Datasheet HTML 4Page - Coilcraft lnc. WBT1.51SL Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
WidebandTransformers
Document 425-1
Document 425-1 Revised 04/27/12
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.38 – 0.40 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel or tube packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332
Packaging (SM version): 500 per 13
″ reel;
Plastic tape: 24 mm wide, 0.42 mm thick, 20 mm pocket spacing,
6.6 mm pocket depth; (TH version): 54 per tube
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Surface mount and through hole versions
• 500 V interwinding isolation, 1/4 Watt RF input power
• 250 mA max current rating.
• For a smaller package size, see our WBC Series
Dimensions – surface mount parts
Dimensions – through hole parts
Dot indicates
pin 1
0.225
5,72
0.100
2,54
0.100
2,54
0.100
2,54
0.30
7,6
max
0.025
0,64
dia typ
1
2
3
6
5
4
typ
Recommended
BoardLayout
0.300 ±0.010
7,62 ±0,25
90 -105
°°
0.120
3,05
min
Dot indicates
pin 1
0.325
8,26
max
0.325
8,26
max
0.285
7,24
max
0.285
7,24
max
0.100
2,54
0.021
0,53
0.025
0,64
0.225
5,72
0.03
0,76
0.06
1,52
0.551
14,0
0.394
10,0
0.10
2,5
0.10
2,5
typ
typ
max
max
Recommended
Land Pattern
0.520 ±0.010
13,21 ±0,25
0.400
10,16
typ
0.004 /0,10
0.010 × 0.020
0,25 × 0,51
typ
1
2
3
6
5
4
Dimensions are in
inches
mm
Dimensions are in
inches
mm


Similar Part No. - WBT1.51SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
270Kb / 2P
   Wideband Transformers
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
212Kb / 5P
   Wideband Transformers
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
212Kb / 5P
   Wideband Transformers
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
616Kb / 5P
   Wideband Transformers
WBT1.5-1SL COILCRAFT-WBT1.5-1SL Datasheet
270Kb / 2P
   Wideband Transformers
More results

Similar Description - WBT1.51SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com