Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB16N50K Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFB16N50K
Description  Low Gate Charge Qg Results in Simple Drive Requirement
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB16N50K Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFB16N50K Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB16N50K Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IRFB16N50K, SiHFB16N50K
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-0.44
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.58
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
50
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 10 Ab
-
0.285
0.350
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 10 A
5.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz
-
2210
-
pF
Output Capacitance
Coss
-
240
-
Reverse Transfer Capacitance
Crss
-26
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
-
2620
-
VDS = 400 V, f = 1.0 MHz
-
63
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
-
120
-
Total Gate Charge
Qg
VGS = 10 V
ID = 17 A, VDS = 400 Vb
-60
89
nC
Gate-Source Charge
Qgs
-18
27
Gate-Drain Charge
Qgd
-28
43
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 17 A,
RG = 8.8 Ω, VGS = 10 Vb
-20
-
ns
Rise Time
tr
-77
-
Turn-Off Delay Time
td(off)
-38
-
Fall Time
tf
-30
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
17
A
Pulsed Diode Forward Currenta
ISM
--
68
Body Diode Voltage
VSD
TJ = 25 °C, IS = 17 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 17 A, dI/dt = 100 A/µsb
-
490
730
ns
Body Diode Reverse Recovery Charge
Qrr
-
5710
8560
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G
www.kersemi.com


Similar Part No. - IRFB16N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB16N50K IRF-IRFB16N50K Datasheet
169Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB16N50K VISHAY-IRFB16N50K Datasheet
184Kb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
IRFB16N50KPBF VISHAY-IRFB16N50KPBF Datasheet
184Kb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
More results

Similar Description - IRFB16N50K

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF830APBF KERSEMI-IRF830APBF Datasheet
3Mb / 7P
   Low Gate Charge Qg Results in Simple Drive Requirement
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com