Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR13N20DPBF Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # IRFR13N20DPBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR13N20DPBF Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRFR13N20DPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR13N20DPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U13N20DPbF
www.kersemi.com
5


Similar Part No. - IRFR13N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
688Kb / 11P
   SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
689Kb / 11P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
More results

Similar Description - IRFR13N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com