Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB16N60LPBF Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFB16N60LPBF
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB16N60LPBF Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRFB16N60LPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB16N60LPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
IRFB16N60L, SiHFB16N60L
Fig. 13 - Threshold Voltage vs. Temperature
Fig. 14a - Maximum Avalanche Energy vs. Drain Current
Fig. 14b - Unclamped Inductive Test Circuit
Fig. 14c - Unclamped Inductive Waveforms
Fig. 15a - Basic Gate Charge Waveform
Fig. 15b - Gate Charge Test Circuit
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 250μA
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
ID
TOP
7.2A
10A
BOTTOM 16A
A
R
G
IAS
0.01
Ω
tp
D.U.T.
L
VDS
+
- VDD
Driver
15 V
20 V
IAS
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
V
GS
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
www.kersemi.com


Similar Part No. - IRFB16N60LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB16N60LPBF IRF-IRFB16N60LPBF Datasheet
195Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB16N60LPBF VISHAY-IRFB16N60LPBF Datasheet
182Kb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

Similar Description - IRFB16N60LPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com