Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR15N20D Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFR15N20D
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR15N20D Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR15N20D Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR15N20D Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFR/U15N20D
6
www.kersemi.com
25
50
75
100
125
150
175
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.2A
7.2A
10A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
R G
IAS
0.0 1
tp
D.U.T
L
V DS
+
-
VDD
D R IVER
A
15V
20V
VGS


Similar Part No. - IRFR15N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR15N20D IRF-IRFR15N20D Datasheet
239Kb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFR15N20D ISC-IRFR15N20D Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR15N20DPBF IRF-IRFR15N20DPBF Datasheet
230Kb / 11P
   HEXFET짰Power MOSFET
IRFR15N20DPBF IRF-IRFR15N20DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR15N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com