Electronic Components Datasheet Search |
|
IRFR13N20D Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd. |
|
IRFR13N20D Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd. |
2 / 10 page IRFR13N20D/IRFU13N20D 2 www.kersemi.com Parameter Min. Typ. Max. Units Conditions gfs Forward Transconductance 6.2 ––– ––– S VDS = 50V, ID = 7.8A Qg Total Gate Charge ––– 25 38 ID = 7.8A Qgs Gate-to-Source Charge ––– 7.3 11 nC VDS = 160V Qgd Gate-to-Drain ("Miller") Charge ––– 12 18 VGS = 10V, td(on) Turn-On Delay Time ––– 11 ––– VDD = 100V tr Rise Time ––– 27 ––– ID = 7.8A td(off) Turn-Off Delay Time ––– 17 ––– RG = 6.8Ω tf Fall Time ––– 10 ––– VGS = 10V Ciss Input Capacitance ––– 830 ––– VGS = 0V Coss Output Capacitance ––– 140 ––– VDS = 25V Crss Reverse Transfer Capacitance ––– 35 ––– pF ƒ = 1.0MHz Coss Output Capacitance ––– 990 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 57 ––– VGS = 0V, VDS = 160V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance ––– 59 ––– VGS = 0V, VDS = 0V to 160V Dynamic @ TJ = 25°C (unless otherwise specified) ns Parameter Typ. Max. Units EAS Single Pulse Avalanche Energy ––– 130 mJ IAR Avalanche Current ––– 7.8 A EAR Repetitive Avalanche Energy ––– 11 mJ Avalanche Characteristics S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 7.8A, VGS = 0V trr Reverse Recovery Time ––– 140 210 ns TJ = 25°C, IF = 7.8A Qrr Reverse RecoveryCharge ––– 750 1120 nC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Diode Characteristics 13 52 A Static @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 200 ––– ––– V VGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.25 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– ––– 0.235 Ω VGS = 10V, ID = 8.0A VGS(th) Gate Threshold Voltage 3.0 ––– 5.5 V VDS = VGS, ID = 250µA ––– ––– 25 µA VDS = 200V, VGS = 0V ––– ––– 250 VDS = 160V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 100 VGS = 30V Gate-to-Source Reverse Leakage ––– ––– -100 nA VGS = -30V IGSS IDSS Drain-to-Source Leakage Current Parameter Typ. Max. Units RθJC Junction-to-Case ––– 1.4 RθJA Junction-to-Ambient (PCB mount)* ––– 50 °C/W RθJA Junction-to-Ambient ––– 110 Thermal Resistance |
Similar Part No. - IRFR13N20D |
|
Similar Description - IRFR13N20D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |