Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS9948 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDS9948
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9948 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDS9948 Datasheet HTML 1Page - Fairchild Semiconductor NDS9948 Datasheet HTML 2Page - Fairchild Semiconductor NDS9948 Datasheet HTML 3Page - Fairchild Semiconductor NDS9948 Datasheet HTML 4Page - Fairchild Semiconductor NDS9948 Datasheet HTML 5Page - Fairchild Semiconductor NDS9948 Datasheet HTML 6Page - Fairchild Semiconductor NDS9948 Datasheet HTML 7Page - Fairchild Semiconductor NDS9948 Datasheet HTML 8Page - Fairchild Semiconductor NDS9948 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 1996
NDS9948
Dual P-Channel Enhancement Mode Field Effect Transistor
General Description
Features
______________________________________________________________________________
Absolute Maximum Ratings
T
A = 25°C unless otherwise noted
Symbol
Parameter
NDS9948
Units
V
DSS
Drain-Source Voltage
-60
V
V
GSS
Gate-Source Voltage
± 20
V
I
D
Drain Current
- Continuous T
A = 25°C
(Note 1a)
± 2.3
A
- Pulsed
T
A = 25°C
± 10
- Continuous
T
A = 70°C
(Note 1a)
± 1.8
P
D
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
NDS9948.SAM
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high cell
density, DMOS technology. This very high density process has
been especially tailored to minimize on-state resistance, provide
superior switching performance, and withstand high energy
pulses in the avalanche and commutation modes. These
devices are particularly suited for low voltage applications such
as notebook computer power management and other battery
powered circuits where fast switching, low in-line power loss,
and resistance to transients are needed.
-2.3A, -60V. R
DS(ON) = 0.25@ VGS = -10V.
High density cell design for low R
DS(ON).
High power and current handling capability in a widely
used surface mount package.
Dual MOSFET in surface mount package.
1
5
6
7
8
4
3
2
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDS9948

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
   Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
NDS9948-NL VBSEMI-NDS9948-NL Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
   Dual 60V P-Channel PowerTrench??MOSFET
More results

Similar Description - NDS9948

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com