Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR220N Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # IRFR220N
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR220N Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR220N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR220N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U220N
www.kersemi.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6 .73 (.26 5)
6 .35 (.25 0)
- A -
6 .22 (.2 45)
5 .97 (.2 35)
- B -
3X
0.89 (.0 35)
0.64 (.0 25)
0 .2 5 (.0 1 0 )
M
A M B
2.28 (.09 0)
1.14 (.045 )
0.76 (.030 )
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1 .14 (.04 5)
0 .89 (.03 5)
0.58 (.023)
0.46 (.018)
L EAD A SSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
NO T E S :
1 DIM E NS IO NING & T O L E RA NCING P E R A N S I Y 1 4 .5M , 19 8 2 .
2 CO N T RO L L IN G DIM E NS IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP ,
S O LD E R D IP M A X. + 0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.2 8 (.0 9 0)
1.9 1 (.0 7 5)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.4 5 (.245)
5.6 8 (.224)
0.58 (.023)
0.46 (.018)


Similar Part No. - IRFR220N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR220N IRF-IRFR220N Datasheet
132Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=600mohm, Id=5.0A)
logo
Inchange Semiconductor ...
IRFR220N ISC-IRFR220N Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
IRFR220N TECHPUBLIC-IRFR220N Datasheet
1Mb / 3P
   N-Channel MOSFET 200V, 6.0A, 0.65
logo
International Rectifier
IRFR220NPBF IRF-IRFR220NPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
IRFR220NPBF IRF-IRFR220NPBF Datasheet
230Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR220N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com