Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFU9210-E3 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # SIHFU9210-E3
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHFU9210-E3 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  SIHFU9210-E3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHFU9210-E3 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.kersemi.com
1
Power MOSFET
IRFR9210, IRFU9210, SiHFR9210, SiHFU9210
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRFR9210/SiHFR9210)
• Straight Lead (IRFU9210/SiHFU9210)
• Available in Tape and Reel
• P-Channel
• Fast Switching
• Lead (Pb)-free Available
DESCRIPTION
The Power MOSFETs technology is the key to Vishay’s
advanced line of Power MOSFET transistors. The efficient
geometry and unique processing of the Power MOSFET
design achieve very low on-state resistance combined with
high transconductance and extreme device ruggedness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU/SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface mount applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
- 200
RDS(on) (Ω)VGS = - 10 V
3.0
Qg (Max.) (nC)
8.9
Qgs (nC)
2.1
Qgd (nC)
3.9
Configuration
Single
S
G
D
P-Channel MOSFET
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR9210PbF
IRFR9210TRPbFa
-
IRFU9210PbF
SiHFR9210-E3
SiHFR9210T-E3a
-
SiHFU9210-E3
SnPb
IRFR9210
IRFR9210TRa
IRFR9210TRLa
IRFU9210
SiHFR9210
SiHFR9210Ta
SiHFR9210TLa
SiHFU9210
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 1.9
A
TC = 100 °C
- 1.2
Pulsed Drain Currenta
IDM
- 7.6
Linear Derating Factor
0.20
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
300
mJ
Repetitive Avalanche Currenta
IAR
- 1.9
A
Repetitive Avalanche Energya
EAR
2.5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
25
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
- 5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d


Similar Part No. - SIHFU9210-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFU9210-E3 VISHAY-SIHFU9210-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
SIHFU9210-E3 KERSEMI-SIHFU9210-E3 Datasheet
4Mb / 7P
   Power MOSFET
SIHFU9210-E3 KERSEMI-SIHFU9210-E3 Datasheet
4Mb / 7P
   Power MOSFET
SIHFU9210-E3 KERSEMI-SIHFU9210-E3 Datasheet
4Mb / 7P
   Power MOSFET
More results

Similar Description - SIHFU9210-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com