Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU214PBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU214PBF
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU214PBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU214PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU214PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.kersemi.com
2
IRFR214, IRFU214, SiHFR214, SiHFU214
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
--
50
Maximum Junction-to-Case (Drain)
RthJC
--
5.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
250
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.39
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 250 V, VGS = 0 V
-
-
25
µA
VDS = 200 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 1.3 Ab
--
2.0
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 1.3 A
0.80
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
140
-
pF
Output Capacitance
Coss
-42
-
Reverse Transfer Capacitance
Crss
-9.6
-
Total Gate Charge
Qg
VGS = 10 V
ID = 2.7 A, VDS = 200 V,
see fig. 6 and 13b
--
8.2
nC
Gate-Source Charge
Qgs
--
1.8
Gate-Drain Charge
Qgd
--
4.5
Turn-On Delay Time
td(on)
VDD = 125 V, ID = 2.7 A,
RG = 24 Ω, RD = 45 Ω, see fig. 10b
-7.0
-
ns
Rise Time
tr
-7.6
-
Turn-Off Delay Time
td(off)
-16
-
Fall Time
tf
-7.0
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
2.2
A
Pulsed Diode Forward Currenta
ISM
--
8.8
Body Diode Voltage
VSD
TJ = 25 °C, IS = 2.2 A, VGS = 0 Vb
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 2.7 A, dI/dt = 100 A/µsb
-
190
390
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.65
1.3
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Similar Part No. - IRFU214PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU214PBF IRF-IRFU214PBF Datasheet
2Mb / 10P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFU214PBF VISHAY-IRFU214PBF Datasheet
1Mb / 8P
   Power MOSFET
S-81411-Rev. A, 07-Jul-08
IRFU214PBF VISHAY-IRFU214PBF Datasheet
873Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU214PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com