Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU110PBF Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # IRFU110PBF
Description  Dynamic dV/dt Rating Repetitive Avalanche Rated
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU110PBF Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRFU110PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU110PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.kersemi.com
5
IRFR110, IRFU110, SiHFR110, SiHFU110
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T.
L
V
DS
+
-
V
DD
A
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp


Similar Part No. - IRFU110PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU110PBF VISHAY-IRFU110PBF Datasheet
1Mb / 8P
   Power MOSFET
S-81394-Rev. A, 21-Jul-08
logo
VBsemi Electronics Co.,...
IRFU110PBF VBSEMI-IRFU110PBF Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRFU110PBF VISHAY-IRFU110PBF Datasheet
1Mb / 8P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU110PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com