Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3704Z Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3704Z
Description  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3704Z Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFU3704Z Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFR/U3704Z
4
www.kersemi.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
2
4
6
8
101214
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 18V
VDS= 10V
ID= 12A
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse


Similar Part No. - IRFU3704Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3704Z IRF-IRFU3704Z Datasheet
225Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3704Z KERSEMI-IRFU3704Z Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRFU3704Z ISC-IRFU3704Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU3704ZPBF IRF-IRFU3704ZPBF Datasheet
271Kb / 12P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com