Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3704Z Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3704Z
Description  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3704Z Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRFU3704Z Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3704Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRFR/U3704Z
www.kersemi.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
Limited By Package
-75 -50 -25
0
25
50
75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.8190
0.000092
1.6018
0.000698
0.6592
0.009033
0.0418
0.046618


Similar Part No. - IRFU3704Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3704Z IRF-IRFU3704Z Datasheet
225Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3704Z KERSEMI-IRFU3704Z Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRFU3704Z ISC-IRFU3704Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU3704ZPBF IRF-IRFU3704ZPBF Datasheet
271Kb / 12P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com