Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU2405PBF Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFU2405PBF
Description  Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU2405PBF Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFU2405PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU2405PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.kersemi.com
IRFR/U2405OPbF
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
20
40
60
80
100
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
34A
V
= 11V
DS
V
= 27V
DS
V
= 44V
DS
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
0
800
1600
2400
3200
4000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Similar Part No. - IRFU2405PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU2405PBF IRF-IRFU2405PBF Datasheet
217Kb / 10P
   HEXFET Power MOSFET
IRFU2405PBF IRF-IRFU2405PBF Datasheet
226Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFU2405PBF KERSEMI-IRFU2405PBF Datasheet
3Mb / 10P
   Advanced Process Technology
logo
International Rectifier
IRFU2405PbF IRF-IRFU2405PbF Datasheet
226Kb / 11P
   Surface Mount (IRFR2405)
More results

Similar Description - IRFU2405PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
758Kb / 10P
   Advanced Process Technology Surface Mount
IRFZ14S IRF-IRFZ14S Datasheet
225Kb / 10P
   Advanced Process Technology / Surface Mount (IRFZ14S)
IRFR2405LPBF IRF-IRFR2405LPBF Datasheet
226Kb / 11P
   Surface Mount (IRFR2405)
logo
Kersemi Electronic Co.,...
IRFR2405 KERSEMI-IRFR2405 Datasheet
1Mb / 8P
   Surface Mount (IRFR2405)
IRFR2405 KERSEMI-IRFR2405_15 Datasheet
901Kb / 10P
   Surface Mount (IRFR2405)
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com