Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9214TRA Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9214TRA
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9214TRA Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFR9214TRA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9214TRA Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.kersemi.com
4
IRFR9214, IRFU9214, SiHFR9214, SiHFU9214
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1
10
100
0
100
200
300
400
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
3
6
9
12
15
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-1.7 A
V
=-50V
DS
V
=-125V
DS
V
=-200V
DS
0.1
1
10
1.0
2.0
3.0
4.0
5.0
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms


Similar Part No. - IRFR9214TRA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9214TR VISHAY-IRFR9214TR Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
IRFR9214TRL VISHAY-IRFR9214TRL Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
IRFR9214TRLPBF VISHAY-IRFR9214TRLPBF Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
IRFR9214TRPBF VISHAY-IRFR9214TRPBF Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
More results

Similar Description - IRFR9214TRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com