Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC4220BG1 Datasheet(PDF) 3 Page - Dubilier

Part # DBCIDCC4220BG1
Description  IDC BOX HEADER STRAIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC4220BG1 Datasheet(HTML) 3 Page - Dubilier

  DBCIDCC4220BG1 Datasheet HTML 1Page - Dubilier DBCIDCC4220BG1 Datasheet HTML 2Page - Dubilier DBCIDCC4220BG1 Datasheet HTML 3Page - Dubilier DBCIDCC4220BG1 Datasheet HTML 4Page - Dubilier DBCIDCC4220BG1 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
345
Material & Finish
Contact Material:
Phosphor Bronze
Insulator Material:
Nylon 6T, glass reinforced, rated UL 94V-0
Current Rating:
1 Amp
Contact Resistance:
30M Ω Max.
Insulator Resistance:
1000M Ω Min.
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Position
A
B
C
10
12.51
10.84
5.08
12
13.78
12.12
6.35
14
15.05
13.39
7.62
16
16.32
14.66
8.89
20
18.86
17.20
11.43
22
20.13
18.47
12.70
26
22.67
21.01
15.24
30
25.21
23.55
17.78
34
27.75
26.09
20.32
40
31.56
29.90
24.13
44
34.10
32.44
26.67
50
37.91
36.25
30.48
IDC
BOX HEADER RIGHT ANGLE 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27mm pitch
DBC
IDC
C43
26
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
S=Selective
*=Other Plating
available
10=10way
12=12way
14=14way
20=20way
22=22way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
Contact Material
B=Phosphor
Bronze
B
G
Nº of Ways
SPECIFICATION
Colour
1=Black
1
3.1
1.27
4.8
A
B
C
1.27
3.1
2.5
0.4*0.4
4.9
3.0
1.27
8.1
1.27
1.27
Ø0.7 +0.05
-0
Recommended P.C.B Layout
RO
DUC
NEW
www.dubilier.co.uk


Similar Part No. - DBCIDCC4220BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC4220BG1 DUBILIER-DBCIDCC4220BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
More results

Similar Description - DBCIDCC4220BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com