Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT014L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NDT014L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT014L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDT014L Datasheet HTML 1Page - Fairchild Semiconductor NDT014L Datasheet HTML 2Page - Fairchild Semiconductor NDT014L Datasheet HTML 3Page - Fairchild Semiconductor NDT014L Datasheet HTML 4Page - Fairchild Semiconductor NDT014L Datasheet HTML 5Page - Fairchild Semiconductor NDT014L Datasheet HTML 6Page - Fairchild Semiconductor NDT014L Datasheet HTML 7Page - Fairchild Semiconductor NDT014L Datasheet HTML 8Page - Fairchild Semiconductor NDT014L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDT014L Rev.D
-50
-25
0
25
50
75
100
125
150
0.92
0.96
1
1.04
1.08
1.12
T
, JUNCTION TEMPERATURE (°C)
I
= 250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
V
, BODY DIODE FORWARD VOLTAGE (V)
V
= 0V
GS
T = 125°C
J
25°C
-55°C
SD
0
2
4
6
8
10
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
20V
I
= 2.8A
D
V
= 5V
DS
10V
0.1
0.2
0.5
1
2
5
10
20
40
60
10
20
50
100
200
500
700
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
f = 1 MHz
V
= 0V
GS
Coss
Ciss
Crss
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage Variation
with Current and Temperature
.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Typical Electrical Characteristics
Figure 11. Switching Test Circuit
.
Figure 12. Switching Waveforms
.
G
D
S
VDD
R
L
V
V
IN
OUT
VGS
DUT
R
GEN
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH


Similar Part No. - NDT014L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDT014L ONSEMI-NDT014L Datasheet
411Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev. 4
More results

Similar Description - NDT014L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com