Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP98260 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP98260
Description  IR Sensor Module for Remote Control Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP98260 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP98260 Datasheet HTML 1Page - Vishay Siliconix TSOP98260 Datasheet HTML 2Page - Vishay Siliconix TSOP98260 Datasheet HTML 3Page - Vishay Siliconix TSOP98260 Datasheet HTML 4Page - Vishay Siliconix TSOP98260 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Obsolete - Replaced by New TSMP58000 (#82485)
TSOP98260
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 28-Mar-12
2
Document Number: 81665
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Carrier Output Pulse Diagram
Fig. 2 - Carrier Output Function Diagram
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
- 0.3 to + 5.5
V
Output voltage (pin 1)
VO
- 0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
10
mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS CARRIER OUT
(Tamb = 25 °C, unless otherwise specified, VS = 3 V)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 3)
Ev = 0
ISD
0.6
0.8
mA
Supply voltage
VS
2.7
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 400 mA
d1
m
Output voltage low (pin 1)
IOSL = 0.5 mA, test signal see fig. 1
VOSL
250
mV
Minimum irradiance
VS = 3 V, (20 kHz to 60 kHz)
Ee min.
0.3
0.5
W/m2
Maximum irradiance
test signal see fig. 1, (20 kHz to 60 kHz)
Ee max.
300
500
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
± 45
deg
Carrier Out rise time
VS = 3 V, CL = 10 pF
TR
100
ns
Carrier Out fall time
VS = 3 V, CL = 10 pF
TF
10
ns
Output pulse width
TPI = 10 μs, CL = 10 pF
TPO
5
7
10
μs
Ee
VOC
Optical test signal
Output signal
IR emitting diode TSAL6200, IF = 0.4 A, f = 38 kHz
tdC
tpoc
t
t
note: Output signal switches on
the falling edge of input signal
19703
0
1
2
3
4
5
6
7
8
0.1
1
10
100
1000
Ee - Irradiance (W/m²)
Delay time - t
dc
Output pulse width - t
poc
optical test signal , fig. 1
21490


Similar Part No. - TSOP98260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP982 VISHAY-TSOP982 Datasheet
266Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 11-Dec-2018
TSOP982 VISHAY-TSOP982 Datasheet
286Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP982.. VISHAY-TSOP982.. Datasheet
286Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP98200 VISHAY-TSOP98200 Datasheet
106Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 21-Feb-12
TSOP98230 VISHAY-TSOP98230 Datasheet
266Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 11-Dec-2018
More results

Similar Description - TSOP98260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
   IR Sensor Module for Remote Control Systems
Rev. 1.3, 05-Feb-14
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.2, 05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
   IR Sensor Module for Remote Control Systems
Rev. 1.5, 14-Apr-16
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
   IR Sensor Module for Remote Control Systems
Rev. 1.6, 14-Apr-16
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.1, 08-Jan-13
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
   IR Sensor Module for Remote Control Systems
01-Jan-2023
TSMP96000 VISHAY-TSMP96000 Datasheet
351Kb / 11P
   IR Sensor Module for Remote Control Systems
01-Jan-2022
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
   IR Sensor Module for Remote Control Systems
01-Jan-2022
TSMP58000 VISHAY-TSMP58000 Datasheet
109Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.0, 14-Mar-12
TSOP98200 VISHAY-TSOP98200 Datasheet
106Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 21-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com