Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K103K15X7RK53H5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K103K15X7RK53H5
Description  Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K15X7RK53H5 Datasheet(HTML) 5 Page - Vishay Siliconix

  K103K15X7RK53H5 Datasheet HTML 1Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 2Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 3Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 4Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 5Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 6Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 7Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 8Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 45171
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
71
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
200 VDC and 500 VDC
Vishay
5600
200
K562K15X7RK5.H5
K562M15X7RK5.H5
5.0 (0.20)
6800
K682K15X7RK5.L2
K682M15X7RK5.L2
2.5 (0.10)
6800
K682K15X7RK5.H5
K682M15X7RK5.H5
5.0 (0.20)
8200
K822K15X7RK5.L2
K822M15X7RK5.L2
2.5 (0.10)
8200
K822K15X7RK5.H5
K822M15X7RK5.H5
5.0 (0.20)
10 000
K103K15X7RK5.L2
K103M15X7RK5.L2
2.5 (0.10)
10 000
K103K15X7RK5.H5
K103M15X7RK5.H5
5.0 (0.20)
12 000
K123K15X7RK5.L2
K123M15X7RK5.L2
2.5 (0.10)
12 000
K123K15X7RK5.H5
K123M15X7RK5.H5
5.0 (0.20)
15 000
K153K15X7RK5.L2
K153M15X7RK5.L2
2.5 (0.10)
15 000
K153K15X7RK5.H5
K153M15X7RK5.H5
5.0 (0.20)
18 000
K183K15X7RK5.L2
K183M15X7RK5.L2
2.5 (0.10)
18 000
K183K15X7RK5.H5
K183M15X7RK5.H5
5.0 (0.20)
22 000
K223K15X7RK5.L2
K223M15X7RK5.L2
2.5 (0.10)
22 000
K223K15X7RK5.H5
K223M15X7RK5.H5
5.0 (0.20)
27 000
K273K20X7RK5.L2
K273M20X7RK5.L2
2.5 (0.10)
27 000
K273K20X7RK5.H5
K273M20X7RK5.H5
5.0 (0.20)
33 000
K333K20X7RK5.L2
K333M20X7RK5.L2
2.5 (0.10)
33 000
K333K20X7RK5.H5
K333M20X7RK5.H5
5.0 (0.20)
39 000
K393K20X7RK5.L2
K393M20X7RK5.L2
2.5 (0.10)
39 000
K393K20X7RK5.H5
K393M20X7RK5.H5
5.0 (0.20)
47 000
K473K20X7RK5.L2
K473M20X7RK5.L2
2.5 (0.10)
47 000
K473K20X7RK5.H5
K473M20X7RK5.H5
5.0 (0.20)
MONO-KAP C0G - 200 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
33
200
K330J15C0GK5.L2
K330K15C0GK5.L2
2.5 (0.10)
33
K330J15C0GK5.H5
K330K15C0GK5.H5
5.0 (0.20)
39
K390J15C0GK5.L2
K390K15C0GK5.L2
2.5 (0.10)
39
K390J15C0GK5.H5
K390K15C0GK5.H5
5.0 (0.20)
47
K470J15C0GK5.L2
K470K15C0GK5.L2
2.5 (0.10)
47
K470J15C0GK5.H5
K470K15C0GK5.H5
5.0 (0.20)
56
K560J15C0GK5.L2
K560K15C0GK5.L2
2.5 (0.10)
56
K560J15C0GK5.H5
K560K15C0GK5.H5
5.0 (0.20)
68
K680J15C0GK5.L2
K680K15C0GK5.L2
2.5 (0.10)
68
K680J15C0GK5.H5
K680K15C0GK5.H5
5.0 (0.20)
82
K820J15C0GK5.L2
K820K15C0GK5.L2
2.5 (0.10)
82
K820J15C0GK5.H5
K820K15C0GK5.H5
5.0 (0.20)
100
K101J15C0GK5.L2
K101K15C0GK5.L2
2.5 (0.10)
100
K101J15C0GK5.H5
K101K15C0GK5.H5
5.0 (0.20)
120
K121J15C0GK5.L2
K121K15C0GK5.L2
2.5 (0.10)
120
K121J15C0GK5.H5
K121K15C0GK5.H5
5.0 (0.20)
MONO-KAP X7R - 200 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Similar Part No. - K103K15X7RK53H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103K15X7RK5.H5 VISHAY-K103K15X7RK5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K15X7RK5.L2 VISHAY-K103K15X7RK5.L2 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
More results

Similar Description - K103K15X7RK53H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com