Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH10S625 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRH10S625
Description  VDR Metal Oxide Varistors High Surge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S625 Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRH10S625 Datasheet HTML 1Page - Vishay Siliconix VDRH10S625 Datasheet HTML 2Page - Vishay Siliconix VDRH10S625 Datasheet HTML 3Page - Vishay Siliconix VDRH10S625 Datasheet HTML 4Page - Vishay Siliconix VDRH10S625 Datasheet HTML 5Page - Vishay Siliconix VDRH10S625 Datasheet HTML 6Page - Vishay Siliconix VDRH10S625 Datasheet HTML 7Page - Vishay Siliconix VDRH10S625 Datasheet HTML 8Page - Vishay Siliconix VDRH10S625 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 29-Oct-12
33
VDRH........E
Vishay BCcomponents
VDR Metal Oxide Varistors High Surge
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
The varistors are available in a number of packaging options:
 Bulk
 On tape on reel
 On tape in ammopack
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number and to determine the required operating parameters,
see Electrical Data and Ordering Information table.
FEATURES
 Zinc oxide disc, epoxy coated
 Straight or kinked leads
 Higher current surge/size ratio capability up to
10 kA for H20 types
 Certified according to UL 1449 edition 3,
VDE/IEC 61051-1/2 and CSA
 Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATION
Overvoltage and transient voltage protection
DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two tinned solid copper leads or tinned copper clad steel
wire. They are coated with a layer of ochre colored epoxy,
which
provides
electrical,
mechanical
and
climatic
protection. The encapsulation is resistant to all cleaning
solvents in accordance with IEC 60068-2-45.
MOUNTING
The varistors are suitable for processing on automatic
insertion and cutting and bending equipment.
Typical Soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to soldering heat
260 °C; duration: 10 s max.
MARKING
The varistors are marked with the following information:
 Maximum continuous RMS voltage with - E suffix
 Series number (582, 583, 584, 585 or 586)
 Manufacture logo
 Date of manufacture (YYWW)
 Safety logo(s)
INFLAMMABILITY
The varistors are non-flammable. The encapsulation is made
of flammable-resistant epoxy lacquer compliant to UL 94
V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage in
operating temperature range:
RMS
11to680
V
DC
14 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 µs)
250 to 10 000
A
Detailed specification
Based on
IEC 61051-1
IEC 61051-2
IEC 61051-2-2
Storage temperature
- 40 to + 150
°C
Operating temperature
- 40 to + 125
°C


Similar Part No. - VDRH10S625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S625ByE VISHAY-VDRH10S625ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10S625BYE VISHAY-VDRH10S625BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com