Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC7S70BGA1 Datasheet(PDF) 5 Page - Dubilier

Part # DBCIDCC7S70BGA1
Description  IDC BOX HEADER STRAIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC7S70BGA1 Datasheet(HTML) 5 Page - Dubilier

  DBCIDCC7S70BGA1 Datasheet HTML 1Page - Dubilier DBCIDCC7S70BGA1 Datasheet HTML 2Page - Dubilier DBCIDCC7S70BGA1 Datasheet HTML 3Page - Dubilier DBCIDCC7S70BGA1 Datasheet HTML 4Page - Dubilier DBCIDCC7S70BGA1 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
347
Material & Finish
Contact Material:
Phosphor Bronze
Insulator Material:
Nylon 6T, glass reinforced, rated UL 94V-0
Current Rating:
1 Amp
Contact Resistance:
30M Ω Max.
Insulator Resistance:
1000M Ω Min.
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Position
A
B
C
10
13.95
11.75
5.08
14
16.49
14.29
7.62
16
17.76
15.36
8.89
20
20.30
17.90
11.43
26
24.11
21.71
15.24
30
26.65
24.25
17.78
34
29.19
26.79
20.32
40
33.00
30.60
24.13
50
39.35
36.95
30.48
60
45.70
43.30
36.83
68
50.78
48.38
41.91
70
52.05
49.65
43.18
80
58.40
56.00
49.53
90
64.75
62.35
55.88
100
71.10
68.70
62.33
IDC
BOX HEADER SMT 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27mm pitch
2.54mm row spacing
DBC
IDC
C7S
30
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
S=Selective
*=Other Plating
available
10=10way
14=14way
16=16way
20=20way
26=26way
30=30way
34=34way
40=40way
50=50way
60=60way
68=68way
70=70way
80=80way
90=90way
100=100way
Contact Material
B=Phosphor
Bronze
B
G
Nº of Ways
SPECIFICATION
Colour
1=Black
1
Features
A=With Locking
Peg
B=Without
Locking Peg
A
4.1
2.54
8.1
A
B
C
6.3
Ø1.0
1.0
1.27
4.1
0.4*0.4
5.6
9.8
7.1
11.0
Recommended P.C.B Layout
0.75
Ø1.2
1.27
0.635
3.5
5.5
RO
DUC
NEW
www.dubilier.co.uk


Similar Part No. - DBCIDCC7S70BGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC7S70BGA1 DUBILIER-DBCIDCC7S70BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
More results

Similar Description - DBCIDCC7S70BGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com