Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZMC24 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TZMC24
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZMC24 Datasheet(HTML) 3 Page - Vishay Siliconix

  TZMC24 Datasheet HTML 1Page - Vishay Siliconix TZMC24 Datasheet HTML 2Page - Vishay Siliconix TZMC24 Datasheet HTML 3Page - Vishay Siliconix TZMC24 Datasheet HTML 4Page - Vishay Siliconix TZMC24 Datasheet HTML 5Page - Vishay Siliconix TZMC24 Datasheet HTML 6Page - Vishay Siliconix TZMC24 Datasheet HTML 7Page - Vishay Siliconix TZMC24 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TZM-Series
Document Number 84122
Rev. 1.4, 28-Feb-06
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
1) at T
j = 150 °C
NOTE: Additional measurement of voltage group TZMB9V1 to TZMB75, IR at 95 % VZmin = < 35 nA at Tj = 25 °C
Partnumber
Zener Voltage
Range
Dynamic
Resistance
Test Current
Reverse Leakage Current
Temperature
Coefficient of
Zener Voltage
VZ at IZT
rzjT at
IZT
rzjK at
IZK
IZT
IZK
IR
IR
1)
at VR
TKVZ
V
V
Ω
Ω
mA
mA
µA
µA
V
%/K
%/K
min
max
typ
typ
min
max
TZMB2V4
2.35
2.45
< 85
< 600
5
1
< 50
< 100
1
- 0.09
- 0.06
TZMB2V7
2.64
2.76
< 85
< 600
5
1
< 10
< 50
1
- 0.09
- 0.06
TZMB3V0
2.94
3.06
< 90
< 600
5
1
< 4
< 40
1
- 0.08
- 0.05
TZMB3V3
3.24
3.36
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMB3V6
3.52
3.68
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMB3V9
3.82
3.98
< 90
< 600
5
1
< 2
< 40
1
- 0.08
- 0.05
TZMB4V3
4.22
4.38
< 90
< 600
5
1
< 1
< 20
1
- 0.06
-0.03
TZMB4V7
4.6
4.8
< 80
< 600
5
1
< 0.5
< 10
1
- 0.05
0.02
TZMB5V1
5
5.2
< 60
< 550
5
1
< 0.1
< 2
1
- 0.02
0.02
TZMB5V6
5.48
5.72
< 40
< 450
5
1
< 0.1
< 2
1
- 0.05
0.05
TZMB6V2
6.08
6.32
< 10
< 200
5
1
< 0.1
< 2
2
0.03
0.06
TZMB6V8
6.66
6.94
< 8
< 150
5
1
< 0.1
< 2
3
0.03
0.07
TZMB7V5
7.35
7.65
< 7
< 50
5
1
< 0.1
< 2
5
0.03
0.07
TZMB8V2
8.04
8.36
< 7
< 50
5
1
< 0.1
< 2
6.2
0.03
0.08
TZMB9V1
8.92
9.28
< 10
< 50
5
1
< 0.1
< 2
6.8
0.03
0.09
TZMB10
9.8
10.2
< 15
< 70
5
1
< 0.1
< 2
7.5
0.03
0.1
TZMB11
10.78
11.22
< 20
< 70
5
1
< 0.1
< 2
8.2
0.03
0.11
TZMB12
11.76
12.24
< 20
< 90
5
1
< 0.1
< 2
9.1
0.03
0.11
TZMB13
12.74
13.26
< 26
< 110
5
1
< 0.1
< 2
10
0.03
0.11
TZMB15
14.7
15.3
< 30
< 110
5
1
< 0.1
< 2
11
0.03
0.11
TZMB16
15.7
16.3
< 40
< 170
5
1
< 0.1
< 2
12
0.03
0.11
TZMB18
17.64
18.36
< 50
< 170
5
1
< 0.1
< 2
13
0.03
0.11
TZMB20
19.6
20.4
< 55
< 220
5
1
< 0.1
< 2
15
0.03
0.11
TZMB22
21.55
22.45
< 55
< 220
5
1
< 0.1
< 2
16
0.04
0.12
TZMB24
23.5
24.5
< 80
< 220
5
1
< 0.1
< 2
18
0.04
0,12
TZMB27
26.4
27.6
< 80
< 220
5
1
< 0.1
< 2
20
0.04
0.12
TZMB30
29.4
30.6
< 80
< 220
5
1
< 0.1
< 2
22
0.04
0.12
TZMB33
32.4
33.6
< 80
< 220
5
1
< 0.1
< 2
24
0.04
0.12
TZMB36
35.3
36.7
< 80
< 220
5
1
< 0.1
< 2
27
0.04
0.12
TZMB39
38.2
39.8
< 90
< 500
2.5
1
< 0.1
< 5
30
0.04
0.12
TZMB43
42.1
43.9
< 90
< 600
2.5
0.5
< 0.1
< 5
33
0.04
0.12
TZMB47
46.1
47.9
< 110
< 700
2.5
0.5
< 0.1
< 5
36
0.04
0.12
TZMB51
50
52
< 125
< 700
2.5
0.5
< 0.1
< 10
39
0.04
0.12
TZMB56
54.9
57.1
< 135
< 1000
2.5
0.5
< 0.1
< 10
43
0.04
0.12
TZMB62
60.8
63.2
< 150
< 1000
2.5
0.5
< 0.1
< 10
47
0.04
0.12
TZMB68
66.6
69.4
< 200
< 1000
2.5
0.5
< 0.1
< 10
51
0.04
0.12
TZMB75
73.5
76.5
< 250
< 1500
2.5
0.5
< 0.1
< 10
56
0.04
0.12


Similar Part No. - TZMC24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMC24 VISHAY-TZMC24 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMC24 VISHAY-TZMC24 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
logo
TAITRON Components Inco...
TZMC24 TAITRON-TZMC24 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZMC24 VISHAY-TZMC24 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMC24 VISHAY-TZMC24 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
More results

Similar Description - TZMC24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com