Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC801 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBPC801
Description  Single Phase Rectifier Bridge, 8 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC801 Datasheet(HTML) 3 Page - Vishay Siliconix

  KBPC801 Datasheet HTML 1Page - Vishay Siliconix KBPC801 Datasheet HTML 2Page - Vishay Siliconix KBPC801 Datasheet HTML 3Page - Vishay Siliconix KBPC801 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 95250
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Nov-07
1
D-72
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
+
~
~
Ø 3.80 (Ø 0.150)
15.75 (0.620)
14.75 (0.580)
15.75 (0.620)
14.75 (0.580)
10.8 (0.425)
10.0 (0.394)
5.33 (0.210)
4.33 (0.170)
25.4 (1.000)
MIN.
Ø 1.10 (Ø 0.043)
Ø 0.90 (Ø 0.035)
10.8 (0.425)
10.0 (0.394)


Similar Part No. - KBPC801

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
KBPC801 CHENDA-KBPC801 Datasheet
581Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC801 WTE-KBPC801 Datasheet
32Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
First Components Intern...
KBPC801 FCI-KBPC801 Datasheet
123Kb / 2P
   8.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Yea Shin Technology Co....
KBPC801 YEASHIN-KBPC801 Datasheet
360Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC801 DIOTEC-KBPC801 Datasheet
223Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - KBPC801

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
KBPC808PBF VISHAY-KBPC808PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC802PBF VISHAY-KBPC802PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 04-Apr-14
KBPC8 VISHAY-KBPC8_12 Datasheet
110Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
logo
NTE Electronics
NTE5313 NTE-NTE5313 Datasheet
20Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
NTE5312 NTE-NTE5312 Datasheet
16Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
logo
List of Unclassifed Man...
TU800 ETC2-TU800 Datasheet
140Kb / 4P
   8 AMP Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com