Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT240SJ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 74ACT240SJ
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT240SJ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 74ACT240SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 9Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 10Page - Fairchild Semiconductor 74ACT240SJ Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC240, 74ACT240 Rev. 1.2.0
10
Physical Dimensions (Continued)
Figure 4. 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
.001[.025]
C
7
° TYP
7
° TYP
10.92 MAX
26.92
24.89
7.11
6.09
1.78
1.14
2.54
7.62
7.87
3.43
3.17
5.33 MAX
3.55
3.17
0.38 MIN
0.36
0.56
0.20
0.35
PIN #1
NOTES:
(0.97)


Similar Part No. - 74ACT240SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT240SJ FAIRCHILD-74ACT240SJ Datasheet
88Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240SJ FAIRCHILD-74ACT240SJ Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240SJ ONSEMI-74ACT240SJ Datasheet
337Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.2.0
More results

Similar Description - 74ACT240SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com