Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC273SC Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74AC273SC
Description  Octal D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC273SC Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74AC273SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 9Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 10Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 11Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC273, 74ACT273 Rev. 1.6.0
11
Physical Dimensions (Continued)
Figure 4. 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
.001[.025]
C
7
° TYP
7
° TYP
10.92 MAX
26.92
24.89
7.11
6.09
1.78
1.14
2.54
7.62
7.87
3.43
3.17
5.33 MAX
3.55
3.17
0.38 MIN
0.36
0.56
0.20
0.35
PIN #1
NOTES:
(0.97)


Similar Part No. - 74AC273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC273SC FAIRCHILD-74AC273SC Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
74AC273SC FAIRCHILD-74AC273SC Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results

Similar Description - 74AC273SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com