Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT452AP Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDT452AP
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT452AP Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDT452AP Datasheet HTML 1Page - Fairchild Semiconductor NDT452AP Datasheet HTML 2Page - Fairchild Semiconductor NDT452AP Datasheet HTML 3Page - Fairchild Semiconductor NDT452AP Datasheet HTML 4Page - Fairchild Semiconductor NDT452AP Datasheet HTML 5Page - Fairchild Semiconductor NDT452AP Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NDT452AP Rev. B1
Typical Thermal Characteristics
-20
-16
-12
-8
-4
0
0
3
6
9
12
I
, DRAIN CURRENT (A)
T
= -55°C
J
25°C
D
V
= -10V
DS
125°C
Figure 13. Transconductance Variation with Drain
Current and Temperature.
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
3
3.5
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
A
o
Figure 14. SOT-223 Maximum Steady- tate
Power Dissipation versus Copper
Mounting Pad Area.
Figure 16. Maximum Safe Operating Area.
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
V
= -10V
A
o
GS
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.05
0.1
0.5
1
5
10
20
50
- V
, DRAIN-SOURCE CURRENT (V)
DS
10ms
100ms
10s
1s
DC
100us
1ms
RDS(ON)
LIMIT
V
= -10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
GS
A
θJA
Figure 15. Maximum Steady-State Drain
Current versus Copper Mounting Pad
Area.
Figure 17. Transient Thermal Response Curve
.
Note:
Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/ t
1
2
R
(t) = r(t) * R
R
= See Note 1 c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2


Similar Part No. - NDT452AP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDT452AP-NL VBSEMI-NDT452AP-NL Datasheet
1Mb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - NDT452AP

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com