Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59102R0050A010 Datasheet(PDF) 5 Page - EPCOS

Part # B59102R0050A010
Description  PTC thermistors as heating elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59102R0050A010 Datasheet(HTML) 5 Page - EPCOS

  B59102R0050A010_12 Datasheet HTML 1Page - EPCOS B59102R0050A010_12 Datasheet HTML 2Page - EPCOS B59102R0050A010_12 Datasheet HTML 3Page - EPCOS B59102R0050A010_12 Datasheet HTML 4Page - EPCOS B59102R0050A010_12 Datasheet HTML 5Page - EPCOS B59102R0050A010_12 Datasheet HTML 6Page - EPCOS B59102R0050A010_12 Datasheet HTML 7Page - EPCOS B59102R0050A010_12 Datasheet HTML 8Page - EPCOS B59102R0050A010_12 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Cautions and warnings
General
EPCOS thermistors are designed for specific applications and should not be used for purposes
not identified in our specifications, application notes and data books unless otherwise agreed
with EPCOS during the design-in-phase.
Ensure suitability of thermistor through reliability testing during the design-in phase. The ther-
mistors should be evaluated taking into consideration worst-case conditions.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative hu-
midity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environment with effect on function on long-term opera-
tion (examples given under operation precautions).
Use thermistor within the following period after delivery:
Through-hole devices (housed and leaded PTCs): 24 months
Motor protection sensors, glass-encapsulated sensors and probe assemblies: 24 months
Telecom pair and quattro protectors (TPP, TQP): 24 months
Leadless PTC thermistors for pressure contacting: 12 months
Leadless PTC thermistors for soldering: 6 months
SMDs in EIA sizes 3225 and 4032, and for PTCs with metal tags: 24 months
SMDs in EIA sizes 0402, 0603, 0805 and 1210: 12 months
Handling
PTCs must not be dropped. Chip-offs must not be caused during handling of PTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Soldering (where applicable)
Use rosin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Standard PTC heaters are not suitable for soldering.
Heating elements
Metallized rectangular disks, 230 V
R102
Page 5 of 9
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59102R0050A010_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
More results

Similar Description - B59102R0050A010_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
   PTC thermistors as heating elements
logo
Vishay Siliconix
PTCHP12S VISHAY-PTCHP12S Datasheet
62Kb / 2P
   PTC Thermistors for Heating Application
01-Jan-2022
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
   PTC thermistors as point level sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com