Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59102R0090A010 Datasheet(PDF) 3 Page - EPCOS

Part # B59102R0090A010
Description  PTC thermistors as heating elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59102R0090A010 Datasheet(HTML) 3 Page - EPCOS

  B59102R0090A010 Datasheet HTML 1Page - EPCOS B59102R0090A010 Datasheet HTML 2Page - EPCOS B59102R0090A010 Datasheet HTML 3Page - EPCOS B59102R0090A010 Datasheet HTML 4Page - EPCOS B59102R0090A010 Datasheet HTML 5Page - EPCOS B59102R0090A010 Datasheet HTML 6Page - EPCOS B59102R0090A010 Datasheet HTML 7Page - EPCOS B59102R0090A010 Datasheet HTML 8Page - EPCOS B59102R0090A010 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1) Measured between points
2) T (RPTC = Rmin) < 25 °C
Electrical specifications and ordering codes
Tref
(typ.)
°C
VBD
V
Rmin
(V = VR)
Tsurf 1)
(V = VR)
°C
RR
(Vmeas ≤ 1.5 V)
Ordering code
50
400
2252)
100
700
B59102R0050A010
70
400
130
115
700
B59102R0070A010
90
400
115
130
700
B59102R0090A010
110
400
100
145
700
B59102R0110A010
130
400
105
160
700
B59102R0130A010
150
400
90
180
700
B59102R0150A010
180
400
66
205
700
B59102R0180A010
220
400
80
240
1000
B59102R0220A010
240
400
75
255
1000
B59102R0240A010
270
340
85
280
1300
B59102R0270A010
Reliability data
Test
Standard
Test conditions
∆R25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, Vmax
Number of cycles: 10 000
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax/Top,max (VR)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 25%
Heating elements
Metallized rectangular disks, 230 V
R102
Page 3 of 9
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59102R0090A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59102R0090A010 EPCOS-B59102R0090A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
More results

Similar Description - B59102R0090A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
   PTC thermistors as heating elements
logo
Vishay Siliconix
PTCHP12S VISHAY-PTCHP12S Datasheet
62Kb / 2P
   PTC Thermistors for Heating Application
01-Jan-2022
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
   PTC thermistors as point level sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com