Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT452P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NDT452P
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT452P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDT452P Datasheet HTML 1Page - Fairchild Semiconductor NDT452P Datasheet HTML 2Page - Fairchild Semiconductor NDT452P Datasheet HTML 3Page - Fairchild Semiconductor NDT452P Datasheet HTML 4Page - Fairchild Semiconductor NDT452P Datasheet HTML 5Page - Fairchild Semiconductor NDT452P Datasheet HTML 6Page - Fairchild Semiconductor NDT452P Datasheet HTML 7Page - Fairchild Semiconductor NDT452P Datasheet HTML 8Page - Fairchild Semiconductor NDT452P Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDT452P Rev. C3
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage Variation
with Current and Temperature.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Figure 11. Switching Test Circuit.
Figure 12. Switching Waveforms.
Typical Electrical Characteristics (continued)
-50
-25
0
25
50
75
100
125
150
0.85
0.9
0.95
1
1.05
1.1
T
, JUNCTION TEMPERATURE (°C)
I
= -250µA
D
J
-2
-1.6
-1.2
-0.8
-0.4
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
0
4
8
12
16
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= -3A
V
= -10V
D
DS
0.1
0.2
0.5
1
2
5
10
20
100
200
300
500
700
1000
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
D
S
-VDD
R
L
V
OUT
V
GS
DUT
V
IN
R
GEN
G
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH


Similar Part No. - NDT452P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDT452 FAIRCHILD-NDT452 Datasheet
92Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
NDT452AP FAIRCHILD-NDT452AP Datasheet
92Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT452AP-NL VBSEMI-NDT452AP-NL Datasheet
1Mb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - NDT452P

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com