Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D159C20C0KH6.L2R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D159C20C0KH6.L2R
Description  D Series Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D159C20C0KH6.L2R Datasheet(HTML) 1 Page - Vishay Siliconix

  D159C20C0KH6.L2R Datasheet HTML 1Page - Vishay Siliconix D159C20C0KH6.L2R Datasheet HTML 2Page - Vishay Siliconix D159C20C0KH6.L2R Datasheet HTML 3Page - Vishay Siliconix D159C20C0KH6.L2R Datasheet HTML 4Page - Vishay Siliconix D159C20C0KH6.L2R Datasheet HTML 5Page - Vishay Siliconix D159C20C0KH6.L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28512
34
Revision: 07-Jan-10
D Series Narrow Tolerance
Vishay BCcomponents
Capacitors with 5 mm (0.20"
) and 2.5 mm (0.10") lead spacing
MARKING
Marking indicates capacitance value and tolerance in
accordance with EIA 198.
OPERATING TEMPERATURE RANGE
Class 1, - 55 to + 125 °C
TEMPERATURE COEFFICIENTS
Class 1, NP0; N750
SECTIONAL SPECIFICATIONS
Class 1, IEC 60 384-8,
EIA 198
CLIMATIC CATEGORY
Class 1, 55/125/56
FEATURES
•Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Bypassing
•Coupling
• Resonant circuit
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors have inward kinked leads with a spacing of
5 mm (0.20") and 2.5 mm (0.10") and a lead length from
4 mm to 30 mm. Encapsulation is made of phenolic resin.
CAPACITANCE RANGE
1.5 pF to 330 pF; Class 1, at 1 MHz, 1.2 VRMS;
1 kHz, 1 VRMS ± 0.2 VRMS for capacitance values higher than
1000 pF
RATED DC VOLTAGE
100 V
DIELECTRIC STRENGTH
250 % of rated voltage
INSULATION RESISTANCE AT 100 VDC
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE
± 0.25 pF; ± 0.5 pF; ± 2 %
DISSIPATION FACTOR
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 maximum
Class 1, C > 30 pF;
≤ 0.2 %
Note
• The capacitors meet the essential requirements of EIA 198. Unless stated otherwise all electrical values apply at an ambient temperature of
25 ± 3 °C, at normal atmospheric conditions.
QUICK REFERENCE DATA
DESCRIPTION
CLASS 1 (NP0, N750)
Voltage (VDC)
100
Min. Capacitance (pF)
1.5
Max. Capacitance (pF)
330
Mounting
Through hole
Tangent
line
D
SH
F
D
F
Tangent
line
DR


Similar Part No. - D159C20C0KH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D159C20C0KH6.L2R VISHAY-D159C20C0KH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D159C20C0KH6.L2R VISHAY-D159C20C0KH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D159C20C0KH6.L2R VISHAY-D159C20C0KH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D159C20C0KH6.L2R VISHAY-D159C20C0KH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D159C20C0KH6.L2R VISHAY-D159C20C0KH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
More results

Similar Description - D159C20C0KH6.L2R

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
UF15NR05P250CT WALSIN-UF15NR05P250CT Datasheet
2Mb / 8P
   Microwave MLCC with Narrow-Tolerance
logo
Vishay Siliconix
D101G29C0GH63L2R VISHAY-D101G29C0GH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
logo
STANLEY ELECTRIC CO.,LT...
PS1195WB STANLEY-PS1195WB Datasheet
602Kb / 10P
   Narrow Distribution
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
logo
STANLEY ELECTRIC CO.,LT...
AN3803X-4B0 STANLEY-AN3803X-4B0 Datasheet
857Kb / 11P
   Narrow Distribution
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
CUI INC
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
SJ2-3586X-SMT CUI-SJ2-3586X-SMT Datasheet
575Kb / 4P
   narrow footprint
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com