Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT454 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDT454
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT454 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDT454 Datasheet HTML 1Page - Fairchild Semiconductor NDT454 Datasheet HTML 2Page - Fairchild Semiconductor NDT454 Datasheet HTML 3Page - Fairchild Semiconductor NDT454 Datasheet HTML 4Page - Fairchild Semiconductor NDT454 Datasheet HTML 5Page - Fairchild Semiconductor NDT454 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDT454P Rev. D2
-5
-4
-3
-2
-1
0
-30
-25
-20
-15
-10
-5
0
V
, DRAIN-SOURCE VOLTAGE (V)
-6.0
-4.0
V
=-10V
GS
DS
-3.0
-4.5
-3.5
-5.0
-20
-16
-12
-8
-4
0
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
V
= -3.5V
GS
D
-6.0V
-10V
-6.0V
-5.0V
-4.0V
-4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Typical Electrical Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I = -5.9A
D
-20
-15
-10
-5
0
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
D
25°C
-55°C
V
= -10V
GS
T = 125°C
J
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Drain Current and Temperature.
-5
-4
-3
-2
-1
-20
-16
-12
-8
-4
0
-V
, GATE TO SOURCE VOLTAGE (V)
25
125
V
= -10V
DS
GS
T = -55°C
J
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
I
= -250µA
D
V
= V
DS
GS
J
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation
with Temperature.


Similar Part No. - NDT454

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDT454P VBSEMI-NDT454P Datasheet
999Kb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - NDT454

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com